Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90121 Datasheet(PDF) 19 Page - Melexis Microelectronic Systems

Part # MLX90121
Description  13.56MHz RFID Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90121 Datasheet(HTML) 19 Page - Melexis Microelectronic Systems

Back Button MLX90121 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 23Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
MLX90121
13.56MHz RFID Transceiver
3901090121
Page 19 of 26
Data Sheet
Rev. 007
Jan-2008
11.5. XBUF Output
The XBUF pin can be used to clock a device or a microcontroller. By default the output is enabled with a
frequency of 6.78MHz. The frequency can be doubled to 13.56MHz by setting the bit XBUFSel. When the
output is not used, it is recommended to disable the clock by setting the bit XBUFEnB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com