Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VGD-35 Datasheet(PDF) 2 Page - CUI INC

Part # VGD-35
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGD-35 Datasheet(HTML) 2 Page - CUI INC

  VGD-35 Datasheet HTML 1Page - CUI INC VGD-35 Datasheet HTML 2Page - CUI INC VGD-35 Datasheet HTML 3Page - CUI INC VGD-35 Datasheet HTML 4Page - CUI INC VGD-35 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
CUI Inc
│ SERIES: VGD-35 │ DESCRIPTION: AC-DC POWER SUPPLY
date 12/03/2019
│ page 2 of 5
INPUT
parameter
conditions/description
min
typ
max
units
voltage
85
120
264
373
Vac
Vdc
frequency
47
63
Hz
input current
115 Vac
230 Vac
0.75
0.5
A
A
inrush current
115 Vac, full load, cold start
230 Vac, full load, cold start
30
50
A
A
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
Vo1, at full load
Vo2, at full load
±0.5
±1.5
%
%
load regulation
Vo1, 10% ~ 100% (balanced load)
Vo2, 10% ~ 100% (balanced load)
±0.5
±5.0
%
%
temperature coefficient
±0.03
%/°C
hold-up time
115 Vac, full load
230 Vac, full load
5
30
ms
ms
adjustability
adjustable with built-in trim pot1
4.75
5.50
Vdc
output voltage accuracy
Vo1, full load range
Vo2, full load range
±2.0
±8.0
%
%
Note:
1. Adjustment of 5 V output only.
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
output clamped
5.75
6.75
V
overload protection
hiccup mode, automatically recovers
110
220
%
short circuit protection
hiccup, continuous, self-recovery
SAFETY & COMPLIANCE (CONTINUED)
parameter
conditions/description
min
typ
max
units
isolation voltage
output to output
input to output
input to ground
output to ground
500
3,000
2,000
500
Vdc
Vac
Vac
Vac
isolation resistance
input to output at 500 Vdc at 25°C
100
MΩ
safety approvals
IEC/EN/UL62368
(designed to meet IEC/EN/UL60335)
safety class
Class I
conducted emissions
CISPR32/ EN55032 Class B
radiated emissions
CISPR32/ EN55032 Class B
ESD
IEC/EN61000-4-2, Contact ±6KV / Air ±8KV, perf. Criteria A
radiated immunity
IEC/EN61000-4-3, 10V/m, perf. Criteria A
EFT/burst
IEC/EN61000-4-4, ±2KV, perf. Criteria A
surge
IEC/EN 61000-4-5, Line to Line ±2KV / Line to Ground±4KV, perf. Criteria A
conducted immunity
IEC/EN61000-4-6, 10 Vrms, perf. Criteria A
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com