Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VGD-35 Datasheet(PDF) 1 Page - CUI INC

Part # VGD-35
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGD-35 Datasheet(HTML) 1 Page - CUI INC

  VGD-35 Datasheet HTML 1Page - CUI INC VGD-35 Datasheet HTML 2Page - CUI INC VGD-35 Datasheet HTML 3Page - CUI INC VGD-35 Datasheet HTML 4Page - CUI INC VGD-35 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date 12/03/2019
page 1 of 5
SERIES: VGD-35
│ DESCRIPTION: AC-DC POWER SUPPLY
PART NUMBER KEY
VGD-35 - DXXX
Base Number
Output Voltage
FEATURES
• universal input voltage range (85~264 Vac)
• provides dual outputs; independently isolated
• short circuit, over current and over voltage protections
• safety certified: IEC/EN/UL 62368
• designed to meet: IEC/EN/UL 60335
• class B EMI performance, meets CISPR32 / EN 55032
RoHS
MODEL
output
voltage
output
current
output
power1
ripple
and noise2
efficiency
(Vdc)
min
(A)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
VGD-35-D512
5
12
0.4
0.1
4
1
32
80
150
81
VGD-35-D524
5
24
0.22
0.1
2.2
1
35
80
150
83
Note:
1. Maximum total combined power.
2. Ripple & noise are measured at 20 MHz BW with 47 µF aluminum electrolytic capacitor and 0.1 µF ceramic capacitor on the output.
Additional Resources: Product Page | 3D Model


Similar Part No. - VGD-35

ManufacturerPart #DatasheetDescription
logo
CUI INC
VGD-30 CUI-VGD-30 Datasheet
339Kb / 4P
AC-DC POWER SUPPLY
VGD-30 CUI-VGD-30 Datasheet
476Kb / 4P
AC-DC POWER SUPPLY
07/10/2018
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
339Kb / 4P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
476Kb / 4P
AC-DC POWER SUPPLY
07/10/2018
More results

Similar Description - VGD-35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com