Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VGD-35 Datasheet(PDF) 3 Page - CUI INC

Part # VGD-35
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGD-35 Datasheet(HTML) 3 Page - CUI INC

  VGD-35 Datasheet HTML 1Page - CUI INC VGD-35 Datasheet HTML 2Page - CUI INC VGD-35 Datasheet HTML 3Page - CUI INC VGD-35 Datasheet HTML 4Page - CUI INC VGD-35 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
CUI Inc
│ SERIES: VGD-35 │ DESCRIPTION: AC-DC POWER SUPPLY
date 12/03/2019
│ page 3 of 5
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
3.9 x 3.8 x 1.2 (99 x 97 x 30 mm)
inch
cooling method
free air convection (see derating curve below)
weight
210
g
case material
Metal (AL1100, SGCC)
DERATING CURVES
5
50
100
-30
7
Ambient Temperature (°C)
80
100
85
120
115
160
264 Vac (60 Hz)
373 Vdc
Input Voltage
VGD-35-D524
VGD-35-D512
VGD-35-D524
VGD-35-D512
SAFETY & COMPLIANCE (CONTINUED)
parameter
conditions/description
min
typ
max
units
power-frequency magnetic
fields immunity
EN 61000-4-8
voltage dips & interruptions
IEC/EN61000-4-11, 0%,70%, perf. Criteria B
MTBF
MIL-HDBK-217F at 25°C
300,000
hrs
RoHS compliant
yes
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curve
-30
70
°C
storage temperature
-40
85
°C
operating humidity
non-condensing
10
95
%
storage humidity
non-condensing
10
95
%
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com