Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VGD-35 Datasheet(PDF) 4 Page - CUI INC

Part # VGD-35
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGD-35 Datasheet(HTML) 4 Page - CUI INC

  VGD-35 Datasheet HTML 1Page - CUI INC VGD-35 Datasheet HTML 2Page - CUI INC VGD-35 Datasheet HTML 3Page - CUI INC VGD-35 Datasheet HTML 4Page - CUI INC VGD-35 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
cui.com
CUI Inc
│ SERIES: VGD-35 │ DESCRIPTION: AC-DC POWER SUPPLY
date 12/03/2019
│ page 4 of 5
MECHANICAL DRAWING
units: mm [inches]
tolerance: ±1.0 [±0.039]
wire range: 22-14 AWG
tightening torque: M3, 0.5N.m
PIN CONNECTIONS
Pin
Function
1
AC (L)
2
AC (N)
3
4
-Vo2
5
+Vo2
6
-Vo1
7
+Vo1
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com