Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C1111/7 Datasheet(PDF) 21 Page - APM Hexseal Corporation All Rights Reserved

Part # C1111/7
Description  Hermetic Environmental Sealing Boots for Switches & Potentiometers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APM [APM Hexseal Corporation All Rights Reserved]
Direct Link  https://apmhexseal.com/
Logo APM - APM Hexseal Corporation All Rights Reserved

C1111/7 Datasheet(HTML) 21 Page - APM Hexseal Corporation All Rights Reserved

Back Button C1111/7 Datasheet HTML 13Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 14Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 15Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 16Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 17Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 18Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 19Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 20Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 21Page - APM Hexseal Corporation All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
HEXSEALS, E-SEELS, ROCK-R-SEELS, RUBRGLAS, SEELSKREWS and I.Q. SURROUND NUT are U.S. Registered trademarks of APM HEXSEAL CORPORATION.
Printed in U.S.A.
APM-2009/7.5M
44 Honeck Street • Englewood NJ 07631 • (201) 569-5700 • Sales Toll Free (800) 498-9034 • Fax (201) 569-4106
Web: www.apmhexseal.com • E-mail: info@apmhexseal.com
TOGGLE SWITCH SEALING BOOTS WITH
INTEGRAL IQ™ MOUNTING NUT
• Ideal protection against unforgiving environmental hazards — prolongs switch reliability
• Ideal for speedy retrofitting of booted and non-booted switches
• Ideal for easy original equipment assembling
• Ideal for meeting aesthetic requirements that call for smooth
exterior surface around mounting nut
• Ideal color solutions for matching boot color to exact panel
color, or for defining specific control function on request.
Standard color choices are gray and black.
• Patent No. 7,964,812 … made in the USA
The APM HEXSEAL IQ Switch Sealing Boot is designed for applications where it
is preferable to retain the original switch’s front-panel mounting nut. This version
is made possible by the incorporation of a newly designed bonded concentric
mounting nut that features an internal cavity configuration allowing the integral
CONCENTRO-NUT to sit on and wrap itself around the existing original switch
front panel nut. This enables the two nuts to work in concert when tightened. The
IQ Switch Sealing Boot mounting design permits an easy and speedy retrofit, or
new OEM installation. The use of the IQ Sealing Boot prevents any switch distur-
bance; for example, the undesirable rotation of the
switch body and possible stress on its connections.
No special tools or O-Rings, washers or adhesives
are required. The IQ Switch Sealing Boot design
also features a patented flange sealing-rib that
fully contacts the front-panel surface, creating a
vacuum seal that protects the mounting hole from
gas or liquid seepage contamination. In addition to
standard black or gray, any color can be specified
to match any panel or to define a control function.
THE IQ CONCENTRO-NUT™ MOUNTS OVER
THE SWITCH’S FRONT PANEL MOUNTING-NUT
SPECIFICATIONS
Sheath Material: Silicone rubber conforms to A-A-59588,
Class 3B, Grade 60 (unless otherwise specified)
Mounting Nut (CONCENTRO-NUT) Material: Aluminum
Stop Nut Material: Brass
Temperature Range: -94°F to +400°F (-70°C to +204°C)
Pressure Range: Exceeds 15 psi internal and 1,500 psi external
Operational Life: 50,000 actuations (minimum)
Shelf Life: Excess of 25 years
Enclosure Protection: IEC 60529 IP 66/68 Rating
Resistant To: Salt spray, sunlight, ozone, weather, ice, sand,
dirt, fungus, most acids, solvents and lubricating oils
Agency Recognition: UL Qualification pending
Installation: Mounts over existing toggle switch actuator. Tighten
approximately three turns.
Dimensions
IQ-1030
Single-piece design
High tear-strength
silicone rubber with
action-compatible
tactility
Stop-Washer
Bonded
CONCENTRO-
NUT
Perimeter sealing rib.
No O-Ring required.
INSTALLS
QUICKLY
HOW TO ORDER
Specify APM Boot part number. Example:
IQ-1030-(add color code letter here) G=Gray, B=Black
Note: For special colors add PMS or other color
specification. Consult factory.
RoHS
Compliant
Electronics Division



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com