Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C1111/7 Datasheet(PDF) 4 Page - APM Hexseal Corporation All Rights Reserved

Part # C1111/7
Description  Hermetic Environmental Sealing Boots for Switches & Potentiometers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APM [APM Hexseal Corporation All Rights Reserved]
Direct Link  https://apmhexseal.com/
Logo APM - APM Hexseal Corporation All Rights Reserved

C1111/7 Datasheet(HTML) 4 Page - APM Hexseal Corporation All Rights Reserved

  C1111/7 Datasheet HTML 1Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 2Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 3Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 4Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 5Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 6Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 7Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 8Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 9Page - APM Hexseal Corporation All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
www.apmhexseal.com
800.498.9034
Typical
Applications
• Marine instrument panels
• Military equipment and vehicles
• Food processing equipment
• Air conditioning systems
• Heat pumps
• Off-road construction equipment
• Machine tool controls
• Spas/hot tubs
• Commercial laundry equipment
• Construction elevator controls
• Waste treatment system controls
• Chemical plant process controls
• Paint spraying equipment
• Industrial machinery
• Medical electronic equipment
• Ground support equipment
• Electronic/electrical instrument
control panels
• Emergency power equipment
• Outdoor compressor/pump controls
• Transport refrigeration systems
• Automotive diagnostic equipment
• Lighting control centers
• Commercial refrigeration systems
• Or any application requiring environ-
mental protection for switches.
REMOTE HEXSEAL® boots protect
switch, potentiometer & circuit breaker
mechanisms from degradation due to
harsh environments such as salt air/water,
oils, dust and ice.
Features & Benefits
RUGGED HEXSEAL® boots are used
for controls protection in industrial, manu-
facturing and processing plants — hostile
conditions which are dusty, dirty, greasy
and corrosive.
EXTREME HEXSEAL® boots will
protect
switches
and
keep
them
functioning to temperatures down to
-94°F (-70°C).
RELIABLE Surgery rooms and food
processing plants require frequent wash
downs.
Their
switches
benefit
from
HEXSEAL® IP66-68 Rated boots by main-
taining dry, clean reliable performance.
• Designed and made in USA … to insure high, consistent
quality with local full tech service backup.
• Exclusive UL-Recognized HEXSEAL® & E-SEEL® Boots
… facilitate easier “agency approval” of the equipment in
which they are used. No other competitive seals in the world
have these approvals.
• Third party inspection … UL regularly inspects our facili-
ties and products.
• Military Specifications … most HEXSEAL® Boots are
produced to meet MIL-DTL-5423 (see product pages speci-
fication charts).
• Time Tested … since our original patents and for more than
60 years, millions of HEXSEAL® Boots reliably function in
hostile conditions throughout the world.
• Transparent RUBRGLAS® (indicators) rugged silicone
rubber material … resists tearing and most hostile environ-
mental contaminants. Retains tactile feel, will not discolor,
yellow, crack or dry out due to UV/aging.
• Choose precise boot color for color matching … to match
panel and/or delineate function – identification.
• DFARS compliant
• RoHS compliant … per document 2002/95/EC
• Patented perimeter sealing rib … seals the switch/circuit
breaker panel-mounting cutout, preventing contaminant
seepage.
• Toggle actuated boots feature secondary inner seal …
to protect against contaminant entry in the event the upper
chamber portion is punctured. And, also protects against
differential pressure. (See figure 4.)
• All toggle and pushbutton boots feature high-strength
rubber-to-metal bond … cross-linking adhesion assures
rubber will not separate from the mounting nut.
• Pre-lubricated (optional) half-toggle and full-toggle boots
… assure easier installation on large diameter actuators.
• Custom design requirements welcome … in addition to
standard products described in this catalog, APM provides
technical design assistance with fast, economical prototyping.
Learn how others apply HEXSEAL®
Switch Boots – visit our website
“Sealing Solutions” application notes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com