Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C1111/7 Datasheet(PDF) 12 Page - APM Hexseal Corporation All Rights Reserved

Part # C1111/7
Description  Hermetic Environmental Sealing Boots for Switches & Potentiometers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APM [APM Hexseal Corporation All Rights Reserved]
Direct Link  https://apmhexseal.com/
Logo APM - APM Hexseal Corporation All Rights Reserved

C1111/7 Datasheet(HTML) 12 Page - APM Hexseal Corporation All Rights Reserved

Back Button C1111/7 Datasheet HTML 8Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 9Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 10Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 11Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 12Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 13Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 14Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 15Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 16Page - APM Hexseal Corporation All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
12
www.apmhexseal.com
800.498.9034
HOW TO ORDER
Specify APM boot part number and, if necessary, the appropriate bushing
adaptor part number (please see page 19).
Sealing Boots for Pushbutton-Actuated Switches
HEXSEAL® and E-SEEL® pushbutton boots are molded from a high tear-strength silicone rubber bonded to a built-in
mounting nut (other materials available for specific environments). Each encloses the base of the protruding switch
bushing and forms a watertight and dust-tight seal against the front panel surface.
DIMENSIONS FOR REFERENCE ONLY. Current dimensional drawings can be viewed on our website and CAD drawings can also be downloaded.
SPECIFICATIONS
Material ........................HEXSEALS: Silicone rubber conforms to A-A-59588,
Class 3B, Grade 50 unless otherwise specified.
E-SEELS: Silicone rubber polymer type ASTM D1418
Mounting Nut ..............HEXSEALS: Brass, nickel-plated
E-SEELS: Brass, black-oxide
Temperature Range....HEXSEALS: -94°F to +400°F (-70°C to +204°C)
E-SEELS: -80°F to +400°F (-62°C to +204°C)
Enclosure Protection..NEMA/UL/ULC Types 1, 2, 3, 3S, 3R, 4, 4X, 6P, 12, 13;
IEC IP66/IP68
Pressure Range ..........Exceeds 15 psi internal and 1500 psi external
Operational Life ..........100,000 actuations (minimum)
Shelf Life .....................Excess of 25 years
Resistant to.................Salt spray, sunlight, ozone, weather, fungus, and most
acids and lubricating oils
Military Specs*............Most HEXSEALS meet MIL-DTL-5423. (See listing on page 6)
Agency Recognition...UL & ULC Recognized Component to UL Std. 50
Installation...................Please see installation instructions on page 19
Single
Piece
Design
HEXSEAL® &
E-SEEL® Silicone
Rubber Boot
Molded-in
Mounting Nut
Panel
Sealing Rib
(eliminates
need for
O-ring)
Panel
RoHS
Compliant
For metric sizes, see page 20.
Max. Plunger
AB
C
Military
Thread
Height
Flat
I.D.
Part
APM Boot
Color*
Size
inch
mm
inch
mm
inch
mm
inch
mm
Number
Part Number
8-40 NS-2B
.118
3.00
.226
5.70
.250
6.35
.125
3.18
—
1231/17
Gray
•
8-40 NS-2B
.188
4.76
.297
7.54
.250
6.35
.120
3.18
SCL6303A-03
N5045
Gray
•
1⁄4-32NS-2B
.203
5.16
.313
7.94
.375
9.53
.188
4.76
M5423/10-01
N5040G
Gray
•
1⁄4-32NS-2B
.453
11.51
.531
13.49
.375
9.53
.125
3.18
—
1231/32
Gray
•
1⁄4-40NS-2B
.141
3.57
.313
7.94
.375
9.53
.188
4.76
M5423/10-03
N5040
Gray
•
1⁄4-40NS-2B
.203
5.16
.313
7.94
.375
9.53
.188
4.76
M5423/10-02
N5040R
Gray
•
1⁄4-40NS-2B
.344
11.51
.531
13.49
.375
9.53
.125
3.18
—
1231/31
Gray
•
5⁄16-32UNEF-2B
.212
5.41
.359
9.13
.437
11.11
.156
3.97
—
1231/27
Gray
•
3⁄8-27NS-2B
.545
13.80
.653
16.60
.500
12.70
.300
7.60
—
1231/8
Gray
•
3⁄8-32NEF-2B
.545
13.80
.653
16.60
.500
12.70
.300
7.60
—
1231/35
Clear
•
7⁄16-28UNEF-2B
.438
11.11
.719
18.26
.625
15.88
.422
10.72
—
NC3030 7⁄ 16-28
Clear
•
7⁄16-32UN-2B
.438
11.11
.719
18.26
.625
15.88
.422
10.72
—
NC3030 7⁄ 16-32
Gray
•
15⁄32-32NS-2B
.281
7.14
.547
13.89
.625
15.88
.422
10.72
M5423/07-01
N3030
Gray
•
15⁄32-32NS-2B
.281
7.14
.547
13.89
.625
15.88
.422
10.72
M5423/07-11
N3030-2513
Clear
•
15⁄32-32NS-2B
.438
11.11
.719
18.26
.625
15.88
.422
10.72
M5423/07-02
NC3030
Gray
•
15⁄32-32NS-2B
.438
11.11
.719
18.26
.625
15.88
.422
10.72
M5423/07-12
NC3030-2513
Clear
•
1⁄2-32NS-2B
.281
7.14
.547
13.89
.625
15.88
.422
10.72
M5423/07-03
NH3030
Gray
•
1⁄2-32NS-2B
.188
4.76
.547
13.89
.625
15.88
.422
10.72
M5423/07-05
NH3030S
Gray
•
1⁄2-32NS-2B
.469
11.91
.734
18.65
.625
15.88
.422
10.72
—
NC3030H
Gray
•
5⁄8-24NEF-2B
.281
7.14
.609
15.48
.750
19.05
.515
13.10
M5423/07-04
N3040
Gray
•
15⁄32-32NS-2B
.281
7.14
.547
13.89
.625
15.88
.422
10.72
—
C1231/41
Black
•
15⁄32-32NS-2B
.438
11.11
.719
18.26
.625
15.88
.422
10.72
—
C1231/42
Black
•
Max. Plunger
AB
C
Military
Thread
Height
O.D.
I.D.
Part
APM Boot
Color*
Size
inch
mm
inch
mm
inch
mm
inch
mm
Number
Part Number
3⁄8-27NS-2B
.330
8.38
.609
15.48
.641
16.27
.320
8.11
—
1221/12
Gray
•
15⁄32-32NS-2B
.400
10.14
.719
18.26
.766
19.45
.375
9.53
—
1221/15
Gray
•
3⁄8-24NF-2B
.330
8.38
.609
15.48
.641
16.27
.320
8.11
—
C1221/22
Clear
•
3⁄8-27NS-2B
.330
8.38
.609
15.48
.641
16.27
.320
8.11
—
C1221/21
Black
•
3⁄8-27NS-2B
.330
8.38
.609
15.48
.641
16.27
.320
8.11
—
C1221/21 4
Clear
•
3⁄8-32NEF-2B
.330
8.38
.609
15.48
.641
16.27
.320
8.11
—
C1221/23
Clear
•
Full Pushbutton Boots – IP66/68 Rated
Figure 8
IP66/68 Rated
Figure 9
C
A
B
FIGURE 8
FIGURE 9
FIGURE 10
Max. Plunger
AB
C
Military
Thread
Height
Flat
I.D.
Part
APM Boot
Color*
Size
inch
mm
inch
mm
inch
mm
inch
mm
Number
Part Number
7⁄16-28UNEF-2B
.313
7.94
.797
20.24
.625
15.88
.344
8.73
—
NC3030FL 7⁄ 16-28
Gray
•
7⁄16-32UN-2B
.313
7.94
.797
20.24
.625
15.88
.344
8.73
—
NC3030FL 7⁄ 16-32
Gray
•
15⁄32-32NS-2B
.313
7.94
.797
20.24
.625
15.88
.344
8.73
—
NC3030FL
Gray
•
IP66/68 Rated
Figure 10
*Other colors available. Please consult factory.
Mounting nut material: Aluminum
Aluminum insert
Switch Housing
*APM’s policy is to manufacture our HEXSEAL® sealing boots as defined by the requirements of MIL-Spec MIL-
DTL-5423 which we regard as the standard for the switch, circuit breaker and potentiometer industry. These
requirements were formulated based on our original patent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com