Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C1111/7 Datasheet(PDF) 6 Page - APM Hexseal Corporation All Rights Reserved

Part # C1111/7
Description  Hermetic Environmental Sealing Boots for Switches & Potentiometers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APM [APM Hexseal Corporation All Rights Reserved]
Direct Link  https://apmhexseal.com/
Logo APM - APM Hexseal Corporation All Rights Reserved

C1111/7 Datasheet(HTML) 6 Page - APM Hexseal Corporation All Rights Reserved

Back Button C1111/7 Datasheet HTML 2Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 3Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 4Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 5Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 6Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 7Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 8Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 9Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 10Page - APM Hexseal Corporation All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
www.apmhexseal.com
800.498.9034
APM
Hexseal P/N*
Eaton
Carling
Gaynor
Siemens
NKK
Honeywell
APEM
ITT (C&K)
PUSHBUTTON BOOTS
Pushbutton Switch Series
Pushbutton boots:
(15/32-32 Thread or
7/16-28 Thread)
NC3030
C1231/42
7835 K 12A, 7836 K 11B,
8411/K7/K8/K12, 8418/K2/K12,
8432, 8433, 7193/K101,
8943/K28/K29, 8980/K202,
7228K2, 7227K2, 7229K2
16-3P
170/172
110/316P
641
6611, 6612,
6616, 6617,
7000, 7100
W58 - 4
W58 - 1
MB2000
SB 265
SCB - 2A
Pushbutton boots:
(15/32-32 Thread
or 7/16-28 Thread )
N3030
C1231/41
8440
8411 K5/K13
8418 K1/K11
8448 K1/K2
8943 K28/K29
"P"
P26
P27
W58 - 4, W58 - 1
W58 Series
(15/32-32 Thread
or 7/16-28 Thread)
2PB Series
(15/32-32
Thread)
300 Series
(With T1 option)
8500M
8500S
8500T
Toggle Switches
CROSS REFERENCES — UNSEALED SWITCHES
(Partial list — consult factory for additional listings for these and other manufacturers)
(Continued)
SEALED SWITCHES
APM
Hexseal P/N
APEM
Honeywell
Eaton
ITT (C&K)
SEALING
WASHERS
Sealed Toggle Switches
Compatible
Switch Bushing
15/32-32
60064
Diameter .677"
Thickness .120"
60225
Diameter .665"
Thickness .110"
ST1-1KM4 & M5 Series
ST1-2KM4 & M5 Series
ST1-3KM4 & M5 Series
ST1-4KM4 & M5 Series
ST1-5KM4 & M5 Series
ST2-1KM4 & M5 Series
ST2-2KM4 & M5 Series
ST2-3KM4 & M5 Series
ST2-4KM4 & M5 Series
ST2-5KM4 & M5 Series
ST2-6KM4 & M5 Series
ST2-7KM4 & M5 Series
ST2-8KM4 & M5 Series
11TW1-2 Series
11TW1-3 Series
11TW1-8 Series
(With Suffex D, F, G)
12TW1-2 Series
12TW1-3 Series
12TW1-8 Series
(With Suffex D, F, G)
11ST Series
1TL1 Series
2TL1 Series
4TL1 Series
8510 - 8512 Series
8520 - 8522 Series
8526 - 8528 Series
8566 - 85 68 Series
8530 - 85 32 Series
8536 - 85 38 Series
8533 - 8535 Series
8500 - 8502 Series
8503 - 8505 Series
8570 - 8572 Series
8573 - 8575 Sereis
A3-209 Series
A3-210 Series
8836 - 8838 Series
8843 - 8845 Series
8866 - 8869
7000 Series
T and T1
Miniature
Toggle
Switches
Panel Bushing Washer
Meets Military
Specifications**
**APM’s policy is to manufacture our HEXSEAL® sealing boots as defined
by the requirements of MIL-Spec MIL-DTL-5423 which we regard as the
standard for the switch, circuit breaker and potentiometer industry. These
requirements were formulated based on our original patent.
DFARS material is standard on all boots.
Cage Code: 97539
Cross Reference
N.S.N. Series to APM Part Numbers
Government
Designation
APM
Part Number
Government
Designation
APM
Part Number
M5423/01-01
N-1030
M5423/09-07
N9030 1/8 RF1
M5423/01-02
IN1030RFI
M5423/09-08
N9030 1/4 RF1
M5423/02-01
N-1030B
M5423/09-09
N9040 1/8 RF1
M5423/03-01
2030-B
M5423/09-10
N9060 1/4 RF1
M5423/04-01
N-5030
M5423/09-11
N9065 x 3/8 RF1
M5423/05-01
N-5030L
M5423/09-12
N9063 1/4 RF1
M5423/05-02
N-5030R
M5423/09-14
N9033 1/4 RF1
M5423/06-01
3070
M5423/10-01
N-5040G
M5423/06-02
3075
M5423/10-02
N-5040R
M5423/06-03
3073
M5423/10-03
N-5040
M5423/06-04
3077
M5423/11-01
N-5032B
M5423/07-01
N-3030
M5423/12-A9
1112/7
M5423/07-02
NC-3030
M5423/13-01
HE1076
M5423/07-03
NH-3030
M5423/13-02
HE1077
M5423/07-04
N-3040
M5423/13-03
HE1075/3
M5423/07-05
NH-3030S
M5423/14-01
HE1040
M5423/07-06
N-3030RFI
M5423/14-02
HE1035
M5423/07-07
NC-3030RFI
M5423/14-03
HE1070
M5423/07-08
NH-3030RFI
M5423/14-04
HE1080
M5423/07-09
N-3040RFI
M5423/14-05
HE1015
M5423/07-10
NH-3030SRFI
M5423/14-06
HE1020
M5423/07-11
N-3030-2513
M5423/14-07
HE1050
M5423/07-12
NC-3030-2513
M5423/14-08
1113/26
M5423/09-01
N-9030-1/8
M5423/15-01
1211/13
M5423/09-02
N-9030-1/4
M5423/15-02
1211/14
M5423/09-03
N-9040-1/8
M5423/15-03
1211/31
M5423/09-04
N-9060-1/4
M5423/16-01
60225
M5423/09-05
N-9065-3/8
M5423/16-01
60064
M5423/09-06
N-9063-1/4
Series
Item Description
5305-
Self-Sealing Fasteners – Screws
5306-
Self-Sealing Fasteners – Bolts
5309-
Self-Sealing Fasteners – Bolts
5310-
Switch Sealing Boots
5320-
Self-Sealing Fasteners – Rivets
5325-
Switch Sealing Boots
5330-
Switch Sealing Boots
5340-
Circuit Breaker Boots
5925-
Circuit Breaker Boots
5930-
Switch Sealing Boots
5975-
Switch Sealing Boots
5999-
EMI/RFI Suppression Switch Sealing Boots
6210-
Incandescent Lamp Filters
6220-
Incandescent Lamp Filters
*For metric sizes consult factory.
RoHS
Compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com