Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ND005D-SM02-R Datasheet(PDF) 7 Page - Superior Sensors Technology.

Part # ND005D-SM02-R
Description  Differential Middle Pressure Sensors Industrial Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERIOR-SENSORS [Superior Sensors Technology.]
Direct Link  https://superiorsensors.com/
Logo SUPERIOR-SENSORS - Superior Sensors Technology.

ND005D-SM02-R Datasheet(HTML) 7 Page - Superior Sensors Technology.

Back Button ND005D-SM02-R Datasheet HTML 3Page - Superior Sensors Technology. ND005D-SM02-R Datasheet HTML 4Page - Superior Sensors Technology. ND005D-SM02-R Datasheet HTML 5Page - Superior Sensors Technology. ND005D-SM02-R Datasheet HTML 6Page - Superior Sensors Technology. ND005D-SM02-R Datasheet HTML 7Page - Superior Sensors Technology. ND005D-SM02-R Datasheet HTML 8Page - Superior Sensors Technology. ND005D-SM02-R Datasheet HTML 9Page - Superior Sensors Technology. ND005D-SM02-R Datasheet HTML 10Page - Superior Sensors Technology. ND005D-SM02-R Datasheet HTML 11Page - Superior Sensors Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ND Series
Industrial Middle Pressure Sensors
www.SuperiorSensors.com
7
9 System Overview
The ND Series pressure sensor is a fully integrated pressure acquisition system in a sensor module. The acquisition system includes
anti-alias filters, data acquisition, 50/60Hz notch filter, sensor compensation, bandwidth limiting and I/O functions. Refer to the
figure below for the ND Series block diagram.
There are also two user controlled registers that tune the sensor to the specific user requirements. The first register is the Mode
Control register that determines the output pressure range, the corner frequency of the bandwidth limiting filter and enables or
disables the 50/60Hz notch filter.
The second register is the Rate Control register which
controls the rate at which the Data Available (DAV) pin is
asserted. The internal sensor data update rate of 444 Hz
is often much faster than industrial requirements so the
Rate Control register can throttle down the rate at
which the Data Available pin (DAV) is asserted. The DAV
is reset upon each read of the pressure sensor. An
internal model of the Rate Controller is illustrated in the
figure to the right.
Pressure
Sensor
Δ-Sigma
Modulator
Δ-Sigma
Modulator
SAR ADC
SAR ADC
Decimation
4
50/60Hz
Notch
(Sinc1)
4
26 Term
Compensation
Coefficients
4
SPI/I2C
Interface
Va
To
Vs
MCU
DAV
nRST
Rate Control
User Control Registers
Mode Control
1b
Enable
3b
BW
Control
3b
Range
Control
BW Limit
IIR
(2nd Order)
Compensation
FPU with
Linearization
Anti-Alias
Filter
Rate
Controller
HW
Interface
Anti-Alias
Filter
MISO/SDA
MOSI/SCL
SCK
nSS
Down Counter
Rate Control
Register
S
R
Q
Zero
Reload Value
Internal Update
(fUPDATE)
Data Read
DAV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com