Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ND005D-SM02-R Datasheet(PDF) 1 Page - Superior Sensors Technology.

Part # ND005D-SM02-R
Description  Differential Middle Pressure Sensors Industrial Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERIOR-SENSORS [Superior Sensors Technology.]
Direct Link  https://superiorsensors.com/
Logo SUPERIOR-SENSORS - Superior Sensors Technology.

ND005D-SM02-R Datasheet(HTML) 1 Page - Superior Sensors Technology.

  ND005D-SM02-R Datasheet HTML 1Page - Superior Sensors Technology. ND005D-SM02-R Datasheet HTML 2Page - Superior Sensors Technology. ND005D-SM02-R Datasheet HTML 3Page - Superior Sensors Technology. ND005D-SM02-R Datasheet HTML 4Page - Superior Sensors Technology. ND005D-SM02-R Datasheet HTML 5Page - Superior Sensors Technology. ND005D-SM02-R Datasheet HTML 6Page - Superior Sensors Technology. ND005D-SM02-R Datasheet HTML 7Page - Superior Sensors Technology. ND005D-SM02-R Datasheet HTML 8Page - Superior Sensors Technology. ND005D-SM02-R Datasheet HTML 9Page - Superior Sensors Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
ND Series
Differential Middle Pressure Sensors
Industrial Applications
www.SuperiorSensors.com
1
Highly integrated sensor with ADC and DSP
Up to 7 Selectable Pressure Ranges per Device
Pressure ranges 0.5 psi (34.5 mbar) to 150 psi (10.3 bar)
16-bit resolution (each selected range)
Exceptional Zero Stability
Integrated 50/60Hz Notch Filter
Selectable Bandwidth Filter from 1.0Hz to 200Hz
Output Data Rate at 444Hz
Total Error Band less than 0.1% FSS
Very High Accuracy +/- 0.05% of Selected Range
Long Term Stability +/- 0.05% FSS
Silicone gel protection on all models
Temperature Compensated -20°C to 85°C
Supply Voltage Compensation
Fully Integrated Compensation Math
Standard I2C and SPI Interface
Product Summary
Based on Superior’s NimbleSense™ architecture, the ND
Middle Pressure Series family supports operating
temperature down to -20°C and up to 85°C, while
increasing pressures up to 150 psi (10.3 Bar). Additionally,
the ND utilizes the company’s proprietary Multi-RangeTM
technology to create the industry’s widest dynamic range.
This wider dynamic range offers multiple pressure ranges in
a single package thus minimizing the number of sensor
variants required to support the demanding functional
requirements of the various industrial market segments.
For example, one Multi-Range enabled ND Sensor replaces
up to 7 competing products greatly simplifying installation
requirements and significantly lowering inventory costs.
Supporting pressure ranges as low as 5 psi to as high as 150
psi, the ND Middle Pressure Series is ideal for a wide variety
of industrial applications from air curtains to aeronautics,
from environmental chambers to eye surgery equipment,
and from UAVs to 3D Printing.
The ND Middle Pressure Series measures dry air and non-
aggressive gas pressure with very high accuracy and a
stable zero point. Non-linearity is also industry leading
which is typically 0.05% FSS. The ND Middle Pressure Series
has a selectable bandwidth filter from 1Hz to 200Hz, and
16-bit resolution. For added performance, the ND Series
has incorporated a 50/60Hz notch filter to minimize the
impact of power noise spikes. Finally, the ND Series is an
excellent choice for applications requiring the utmost
reliability.
The ND Series provides a new level of integration
combining an advanced piezoresistive sensing element with
integrated amplification, ADC, DSP and a digital interface
which greatly simplifies customer integration efforts.
Advanced digital processing enables new functionality thus
simplifying system development, adding manufacturing
ease and increasing reliability.
Constructed with a high reliability plastic enclosure, the ND
Series family provides the ideal combination of very high
performance and reliability at extended temperature
ranges while ensuring customers have a high volume, cost
effective solution optimized for a wide array of industrial
requirements.


Similar Part No. - ND005D-SM02-R

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
ND03 AVX-ND03 Datasheet
224Kb / 10P
Alarm and temperature measurement application
logo
LUMEL S.A.
ND03 LUMEL-ND03 Datasheet
279Kb / 2P
power network meter
logo
AVX Corporation
ND03P0103G AVX-ND03P0103G Datasheet
224Kb / 10P
NTC Disc Thermistors
ND03P0103H AVX-ND03P0103H Datasheet
224Kb / 10P
NTC Disc Thermistors
ND03P0103J AVX-ND03P0103J Datasheet
224Kb / 10P
NTC Disc Thermistors
More results

Similar Description - ND005D-SM02-R

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
PTX1400 GEC-PTX1400 Datasheet
136Kb / 4P
Druck Industrial Pressure Sensors
logo
All Sensors Corporation
442-1022-ND ASC-442-1022-ND Datasheet
233Kb / 7P
Amplified Middle Pressure Sensors
Rev D
logo
TE Connectivity Ltd
D5100 TEC-D5100 Datasheet
232Kb / 8P
Industrial Differential Pressure Transducer
logo
All Sensors Corporation
DS-00283 ASC-DS-00283 Datasheet
233Kb / 7P
Amplified Middle Pressure Sensors
Rev D
DS-00292 ASC-DS-00292 Datasheet
256Kb / 6P
Amplified Middle Pressure Sensors
Rev C
DS-0028 ASC-DS-0028 Datasheet
233Kb / 7P
Amplified Middle Pressure Sensors
DS-0029 ASC-DS-0029 Datasheet
256Kb / 6P
Amplified Middle Pressure Sensors
logo
Silicon Microstructures...
SM4221 SMI-SM4221 Datasheet
1Mb / 11P
Gauge & Differential Pressure Sensors
SM5221 SMI-SM5221 Datasheet
1Mb / 11P
Gauge & Differential Pressure Sensors
SM9333 SMI-SM9333 Datasheet
1Mb / 18P
Differential Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com