Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ND005D-SM02-R Datasheet(PDF) 5 Page - Superior Sensors Technology.

Part # ND005D-SM02-R
Description  Differential Middle Pressure Sensors Industrial Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERIOR-SENSORS [Superior Sensors Technology.]
Direct Link  https://superiorsensors.com/
Logo SUPERIOR-SENSORS - Superior Sensors Technology.

ND005D-SM02-R Datasheet(HTML) 5 Page - Superior Sensors Technology.

  ND005D-SM02-R Datasheet HTML 1Page - Superior Sensors Technology. ND005D-SM02-R Datasheet HTML 2Page - Superior Sensors Technology. ND005D-SM02-R Datasheet HTML 3Page - Superior Sensors Technology. ND005D-SM02-R Datasheet HTML 4Page - Superior Sensors Technology. ND005D-SM02-R Datasheet HTML 5Page - Superior Sensors Technology. ND005D-SM02-R Datasheet HTML 6Page - Superior Sensors Technology. ND005D-SM02-R Datasheet HTML 7Page - Superior Sensors Technology. ND005D-SM02-R Datasheet HTML 8Page - Superior Sensors Technology. ND005D-SM02-R Datasheet HTML 9Page - Superior Sensors Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ND Series
Industrial Middle Pressure Sensors
www.SuperiorSensors.com
5
7.2 Reset Characteristics
Parameter
Sym
Condition
All Series Devices
Units
Notes
Min
Typ
Max
Power-On Reset
Threshold
VPORR
VPORF
Rising Voltage on VDD
Falling Voltage on VDD
-
0.75
1.4
-
-
1.36
V
V
Interface Detect
Delay
tIOD
From POR or External
Reset
-
-
40
ms
First Response
Settling Time
tFRD
From POR or External
Reset
-
-
80
ms
1
External Reset Low
tRSTL
15
-
-
us
Input High Voltage
VIH
VDD-0.6
-
-
2
Input Low Voltage
VIL
-
-
0.6
2
Internal Pull-Up
Current
IPU
VIN = 0V
-
-20
-30
uA
2
Input Capacitance
CIN
-
7
-
pF
2
1) The filter settling time to ensure the first reading is completely settled.
2) Input nRST
7.3 DAV Characteristics
Parameter
Sym
Condition
All Series Devices
Units
Notes
Min
Typ
Max
Output High Voltage
VOH
IO = -3 mA
VDD-0.7
-
-
V
Output Low Voltage
VOL
IO = 8 mA
-
-
0.6
V
7.4 I2C Characteristics
Parameter
Sym
Condition
All Series Devices
Units
Notes
Min
Typ
Max
SCL Clock Frequency
fSCL
100
-
250
kHz
Clock Stretch Time
tCKSTR
-
15
100
us
Input High Voltage
VIH
VDD-0.6
-
-
Input Low Voltage
VIL
-
-
0.6
Output Low Voltage
VOL
IO = 8 mA
-
-
0.6
V
Input Capacitance
CIO
-
7
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com