Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ND005D-SM02-R Datasheet(PDF) 11 Page - Superior Sensors Technology.

Part # ND005D-SM02-R
Description  Differential Middle Pressure Sensors Industrial Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERIOR-SENSORS [Superior Sensors Technology.]
Direct Link  https://superiorsensors.com/
Logo SUPERIOR-SENSORS - Superior Sensors Technology.

ND005D-SM02-R Datasheet(HTML) 11 Page - Superior Sensors Technology.

Back Button ND005D-SM02-R Datasheet HTML 7Page - Superior Sensors Technology. ND005D-SM02-R Datasheet HTML 8Page - Superior Sensors Technology. ND005D-SM02-R Datasheet HTML 9Page - Superior Sensors Technology. ND005D-SM02-R Datasheet HTML 10Page - Superior Sensors Technology. ND005D-SM02-R Datasheet HTML 11Page - Superior Sensors Technology. ND005D-SM02-R Datasheet HTML 12Page - Superior Sensors Technology. ND005D-SM02-R Datasheet HTML 13Page - Superior Sensors Technology. ND005D-SM02-R Datasheet HTML 14Page - Superior Sensors Technology. ND005D-SM02-R Datasheet HTML 15Page - Superior Sensors Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ND Series
Industrial Middle Pressure Sensors
www.SuperiorSensors.com
11
10.6 Control Registers
10.6.1 Mode Control Register
Default Value: 0xF3
Details of the Mode Control register are illustrated in
the figure to the right.
Bits 0-2 control the output pressure range.
Bit 3 is the I/O Watchdog Enable bit. When set, the
I/O watchdog is enabled. When enabled, the I/O
watchdog will monitor the I/O activity. If I/O activity
is not detected for the I/O Watchdog timeout time,
the pressure sensor will reset itself. The I/O watchdog
timeout time is determined by the currently active
bandwidth setting.
Bits 4-6 control the BW Limit Filter.
Bit 7 is the Notch Filter Enable bit. When enabled, the
50/60Hz notch filter is active.
Please note the available pressure ranges for the
different sensor models are indicated in the table. For
values where the pressure range is not available for
the given sensor (high or low), the table is highlighted
in light orange and indicates the given full scale value
to use for pressure conversion. It is possible to use
these values.
It should also be noted that upon changing the Mode
Control value, there is a one cycle latency before the
new Mode Control value becomes valid. That is, the
data of the communication cycle following a change
to the Mode Control register will not reflect the
change. It is not until the second communication
cycle that the change in the Mode Control register
will be reflected in the output data.
b7
b6
b5
b4
b3
b2
b1
b0
Pressure Range Select
I/O Watchdog Enable
BW Limit Select
Notch Enable
Mode Register (General)
b7
b6
b5
b4
b3
b2
b1
b0
Mode Register (Detail)
0
0
0
0
0
1
0
1
0
0
1
1
1
0
0
1
0
1
1
1
0
1
1
1
Disabled
0
0
0
0
0
1
0
1
0
0
1
1
1
0
0
1
0
1
1
1
0
1
1
1
0
1
1.0 Hz
2.0 Hz
5.0 Hz
10 Hz
20 Hz
50 Hz
100 Hz
200 Hz
Notch Filter Disabled
Notch Filter Enabled
BW Limit Select
Notch Enable
Mode Control Register Detail
Pressure Range Select (by Model)
1 sec
500 ms
200 ms
200 ms
200 ms
200 ms
200 ms
I/O Watchdog Timeout
0
1
Enabled
I/O Watchdog Enable
200 ms
ND005D
0.5 psi
0.5 psi
0.8 psi
1.0 psi
2.0 psi
4.0 psi
5.0 psi
0.5 psi
ND015D
1.0 psi
1.0 psi
2.0 psi
4.0 psi
5.0 psi
10.0 psi
15.0 psi
ND030D
5.0 psi
5.0 psi
10.0 psi
15.0 psi
20.0 psi
25.0 psi
30.0 psi
5.0 psi
ND060D
10.0 psi
10.0 psi
15.0 psi
20.0 psi
30.0 psi
40.0 psi
50.0 psi
ND100D
40 psi
50 psi
60 psi
70 psi
80 psi
90 psi
100 psi
ND150D
50 psi
50 psi
60 psi
75 psi
100 psi
125 psi
150 psi
50 psi
1.0 psi
60.0 psi
40 psi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com