Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD2000AS Datasheet(PDF) 5 Page - Filtronic Compound Semiconductors

Part # FPD2000AS
Description  2W PACKAGED POWER PHEMT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD2000AS Datasheet(HTML) 5 Page - Filtronic Compound Semiconductors

  FPD2000AS Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD2000AS Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD2000AS Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD2000AS Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD2000AS Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD2000AS Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD2000AS Datasheet HTML 7Page - Filtronic Compound Semiconductors FPD2000AS Datasheet HTML 8Page - Filtronic Compound Semiconductors FPD2000AS Datasheet HTML 9Page - Filtronic Compound Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
5
Datasheet v3.0
FPD2000AS
REFERENCE DESIGN (3.4 – 3.5GHZ):
SCHEMATIC:
PARAMETER
UNIT
PERFORMANCE
Frequency
GHz
3.4 to 3.5
Gain
dB
10
P1dB
dBm
33
IM3 @22dBm Pout SCL
dBc
-45dBc
S11
dB
-6
S22
dB
-15
Vd
V
10
Vg
V
-0.6 to -0.9
Id
mA
350
15pF
20 Ohm
10pF
10pF
1.0uF
1.0uF
Vd
-Vg
FPD2000AS EVAL Board
Schematic
Z11
Z8
Z12
Z17
RF OUT
Z9
Z10
(50 Ohm)
Z8
Z5
Z5
Z1
Z14
Z15
Z16
Z13
1
3
4
2
Z14
Z18
Z19
Value
Desc.
W1=0.020"
050" W3=0.020" W4=0.050" Micros
Z2
0.020" x 0.1
crostrip
Z3
Z4
Z5
Z6
Z7
Z8
Z9
Z10
0.050" x 0.1
icrostrip
0.020" x 0.4
icrostrip
0.015" x 0.2
crostrip
Z11, Z12 0.040" x 0.0
icrostrip
Z13
Z14
Z15
Z1
Z17
0.090" x 0.19
icrostrip
Z18
Z19
0.050" x 0.10
icrostrip
0.050" x 1.000" Microstrip
0.085" x 0.2
icrostrip
0.360" x 90°
strip Radial Stub
0.200" x 0.1
icrostrip
0.015" x 0.450"
icrostrip
W1=0.020" W2
050" W3=0.020" W4=0.050" Microstrip Cro s
W1=0.020
085" W3=0.020" W4=0.085" Microstrip
W1=0.090" W2
200" W3=0.090" W4=0.200" Microstrip Cro s
0.140" x 0.480" Microstrip
Z16
0.420" x 90°
trip Radial Stub
Z6
Z7
1
3
4
2
Z4
1
3
4
2
Z3
Z2
1
3
4
2
RF IN
(50 Ohm)
Z1
15pF
W2=0.
00" Mi
trip Cross
00" M
=0.
40" M
54" M
" W2=0.
96" Mi
Micro
40" M
Micros
0" M
0" M
00" M
M
=0.
s
Cross
s



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com