Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD2000AS Datasheet(PDF) 10 Page - Filtronic Compound Semiconductors

Part # FPD2000AS
Description  2W PACKAGED POWER PHEMT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD2000AS Datasheet(HTML) 10 Page - Filtronic Compound Semiconductors

Back Button FPD2000AS Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD2000AS Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD2000AS Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD2000AS Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD2000AS Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD2000AS Datasheet HTML 7Page - Filtronic Compound Semiconductors FPD2000AS Datasheet HTML 8Page - Filtronic Compound Semiconductors FPD2000AS Datasheet HTML 9Page - Filtronic Compound Semiconductors FPD2000AS Datasheet HTML 10Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
10
Datasheet v3.0
FPD2000AS
PREFERRED ASSEMBLY INSTRUCTIONS:
This package is compatible with both lead free
and leaded solder reflow processes as defined
within IPC/JEDEC J-STD-020C. The maximum
package
temperature
should
not
exceed
260°C. Package leads are gold plated.
HANDLING PRECAUTIONS:
To avoid damage to
the devices care
should be exercised
during handling.
Proper Electrostatic Discharge (ESD)
precautions should be observed at all stages
of storage, handling, assembly, and testing.
ESD/MSL RATING:
These devices should be treated as Class 1A
(250-500 V) using the human body model as
defined in JEDEC Standard No. 22-A114.
Further information on ESD control measures
can be found in MIL-STD-1686 and MIL-
HDBK-263.
The device has a MSL rating of Level 1. To
determine this rating, preconditioning was
performed to the device per, the Pb-free solder
profile defined within IPC/JEDEC J-STD-020C,
Moisture / Reflow sensitivity classification for
non-hermatic solid state surface mount devices
APPLICATION NOTES & DESIGN DATA:
Application Notes and design data including S-
parameters, noise parameters and device
model are available on request.
DISCLAIMERS:
This product is not designed for use in any
space based or life sustaining/supporting
equipment.
ORDERING INFORMATION:
PART NUMBER
DESCRIPTION
FPD2000AS
Packaged pHEMT
FPD2000AS-EB
Packaged pHEMT evaluation board
EB-2000AS-AB (880MHz)
EB-2000AS-AA (1.85GHz)
EB-2000AS-AD (2.14GHz)
EB-2000AS-AE (2.4GHz)
EB-2000AS-AF (2.44GHz)
EB-2000AS-AG (2.5 to 2.7GHz)
EB-2000AS-AH (3.5GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com