Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD2000AS Datasheet(PDF) 8 Page - Filtronic Compound Semiconductors

Part # FPD2000AS
Description  2W PACKAGED POWER PHEMT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD2000AS Datasheet(HTML) 8 Page - Filtronic Compound Semiconductors

Back Button FPD2000AS Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD2000AS Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD2000AS Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD2000AS Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD2000AS Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD2000AS Datasheet HTML 7Page - Filtronic Compound Semiconductors FPD2000AS Datasheet HTML 8Page - Filtronic Compound Semiconductors FPD2000AS Datasheet HTML 9Page - Filtronic Compound Semiconductors FPD2000AS Datasheet HTML 10Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
8
Datasheet v3.0
FPD2000AS
S-PARAMETERS (CONT.):
9.80
0.85
-14.66
0.96
-146.52
0.15
-94.12
0.47
31.53
9.90
0.85
-17.20
0.95
-149.12
0.15
-96.23
0.48
29.14
10.00
0.85
-19.62
0.94
-151.71
0.15
-98.00
0.48
26.66
Note: Biased @ 10V, 350mA
FREQ-GHZ
S11MAG
S11ANG
S21MAG
S21ANG
S12MAG
S12ANG
S22MAG
S22ANG
5.10
0.85
102.67
1.61
-23.07
0.07
-5.34
0.41
128.50
5.20
0.85
100.31
1.59
-25.68
0.07
-6.87
0.41
126.81
5.30
0.84
97.99
1.58
-28.24
0.07
-8.40
0.41
125.07
5.40
0.84
95.60
1.56
-30.82
0.07
-9.89
0.41
123.35
5.50
0.84
93.23
1.54
-33.39
0.08
-11.46
0.41
121.57
5.60
0.84
90.81
1.52
-36.00
0.08
-12.98
0.40
119.83
5.70
0.84
88.26
1.50
-38.59
0.08
-14.50
0.41
117.91
5.80
0.84
85.69
1.49
-41.22
0.08
-16.11
0.41
116.04
5.90
0.84
83.17
1.47
-43.83
0.08
-17.66
0.41
114.18
6.00
0.83
80.66
1.45
-46.44
0.08
-19.28
0.41
112.34
6.10
0.83
78.11
1.44
-49.07
0.09
-21.12
0.41
110.62
6.20
0.83
75.46
1.42
-51.79
0.09
-23.29
0.41
108.63
6.30
0.83
72.84
1.40
-54.48
0.09
-25.03
0.41
106.57
6.40
0.83
70.23
1.39
-57.14
0.09
-26.82
0.41
104.45
6.50
0.83
67.48
1.37
-59.81
0.09
-28.64
0.41
102.37
6.60
0.83
64.77
1.35
-62.42
0.09
-30.28
0.41
100.18
6.70
0.82
62.13
1.33
-64.76
0.09
-31.41
0.41
98.06
6.80
0.82
59.92
1.32
-66.68
0.10
-30.95
0.40
97.13
6.90
0.83
57.56
1.32
-69.52
0.10
-32.92
0.41
96.12
7.00
0.83
54.88
1.31
-72.55
0.10
-35.78
0.42
94.11
7.10
0.83
52.08
1.29
-75.44
0.11
-38.26
0.42
91.84
7.20
0.83
49.37
1.28
-78.19
0.11
-40.46
0.42
89.62
7.30
0.83
46.66
1.26
-80.88
0.11
-42.52
0.43
87.37
7.40
0.83
44.02
1.24
-83.44
0.11
-44.17
0.43
85.28
7.50
0.83
41.53
1.23
-86.01
0.11
-45.73
0.43
83.74
7.60
0.83
38.88
1.22
-88.90
0.11
-48.21
0.43
81.63
7.70
0.83
36.18
1.20
-91.67
0.12
-50.47
0.44
79.39
7.80
0.83
33.64
1.19
-94.33
0.12
-52.59
0.44
77.14
7.90
0.84
31.05
1.17
-97.01
0.12
-54.72
0.44
74.97
8.00
0.84
28.44
1.16
-99.67
0.12
-56.85
0.44
72.73
8.10
0.84
25.95
1.15
-102.28
0.12
-58.91
0.45
70.54
8.20
0.84
23.49
1.13
-104.88
0.12
-60.91
0.45
68.43
8.30
0.84
21.07
1.12
-107.55
0.12
-62.95
0.45
66.26
8.40
0.84
18.55
1.11
-110.22
0.13
-65.03
0.45
64.01
8.50
0.84
16.14
1.09
-112.79
0.13
-66.97
0.46
61.79
8.60
0.84
13.74
1.08
-115.39
0.13
-68.91
0.46
59.50
8.70
0.84
11.39
1.07
-117.96
0.13
-70.86
0.46
57.23
8.80
0.84
8.95
1.06
-120.52
0.13
-72.85
0.46
55.01
8.90
0.85
6.61
1.04
-123.07
0.13
-74.90
0.46
52.71
9.00
0.85
4.26
1.03
-125.62
0.13
-76.87
0.46
50.40
9.10
0.85
1.89
1.02
-128.14
0.14
-78.87
0.46
48.10
9.20
0.85
-0.35
1.01
-130.70
0.14
-80.90
0.47
45.92
9.30
0.85
-2.77
1.00
-133.36
0.14
-83.07
0.47
43.66
9.40
0.85
-5.00
0.99
-135.96
0.14
-85.21
0.47
41.26
9.50
0.85
-7.40
0.98
-138.56
0.14
-87.34
0.47
38.92
9.60
0.85
-9.69
0.97
-141.19
0.14
-89.56
0.47
36.40
9.70
0.85
-12.14
0.97
-143.84
0.15
-91.85
0.47
33.98



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com