Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD2000AS Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FPD2000AS
Description  2W PACKAGED POWER PHEMT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD2000AS Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FPD2000AS Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD2000AS Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD2000AS Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD2000AS Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD2000AS Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD2000AS Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD2000AS Datasheet HTML 7Page - Filtronic Compound Semiconductors FPD2000AS Datasheet HTML 8Page - Filtronic Compound Semiconductors FPD2000AS Datasheet HTML 9Page - Filtronic Compound Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2W PACKAGED POWER PHEMT
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
1
Datasheet v3.0
FPD2000AS
FEATURES:
33 dBm Output Power (P1dB) @1.8GHz
14 dB Power Gain (G1dB) @1.8GHz
46 dBm Output IP3
10V Operation
50% Power-Added Efficiency
Evaluation Boards Available
Usable Gain to 4GHz
GENERAL DESCRIPTION:
The FPD2000AS is a packaged depletion
mode AlGaAs/InGaAs pseudomorphic High
Electron
Mobility
Transistor
(pHEMT),
optimized for power applications in L-Band.
The
surface-mount
package
has
been
optimized for low parasitics.
PACKAGE:
TYPICAL APPLICATIONS:
Drivers or output stages in PCS/Cellular
base station transmitter amplifiers
Power applications in WLL/WLAN and
WiMax (3.5GHz) amplifiers
ELECTRICAL SPECIFICATIONS:
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Power at 1dB Gain Compression
P1dB
VDS = 10V; IDS = 350 mA
ΓS and ΓL tuned for Optimum IP3
32
33
dBm
Power Gain at dB Gain Compression
G1dB
VDS = 10V; IDS = 350 mA
ΓS and ΓL tuned for Optimum IP3
12.5
14.0
Maximum Stable Gain
S21/S12
MSG
VDS = 10 V; IDS = 350 mA
PIN = 0dBm, 50
Ω system
20
dB
Power-Added Efficiency
at 1dB Gain Compression
PAE
VDS = 10V; IDS = 350 mA
ΓS and ΓL tuned for Optimum IP3
45
%
3rd-Order Intermodulation Distortion
IM3
VDS = 10V; IDS = 350 mA
ΓS and ΓL tuned for Optimum IP3
POUT = 22 dBm
-47
dBc
Saturated Drain-Source Current
IDSS
VDS = 1.3 V; VGS = 0 V
1150
mA
Maximum Drain-Source Current
IMAX
VDS = 1.3 V; VGS
≅ +1 V
1800
mA
Transconductance
GM
VDS = 1.3 V; VGS = 0 V
1200
mS
Gate-Source Leakage Current
IGSO
VGS = -3 V
35
85
µA
Pinch-Off Voltage
|VP|
VDS = 1.3 V; IDS = 4 mA
0.7
0.9
1.4
V
Gate-Source Breakdown Voltage
|VBDGS|
IGS = 4 mA
6
V
Gate-Drain Breakdown Voltage
|VBDGD|
IGD = 4 mA
20
V
Thermal Resistance (channel-to-case)
ΘCC
See Note on following page
20
°C/W
Note: TAMBIENT = 22°; RF specification measured at f = 1850 MHz using CW signal (except as noted)


Similar Part No. - FPD2000AS

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD2000AS FILTRONIC-FPD2000AS Datasheet
281Kb / 7P
2W PACKAGED POWER PHEMT
More results

Similar Description - FPD2000AS

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LP3000P100 FILTRONIC-LP3000P100 Datasheet
47Kb / 3P
PACKAGED 2W POWER PHEMT
LP6836SOT343 FILTRONIC-LP6836SOT343 Datasheet
67Kb / 2P
PACKAGED MEDIUM POWER PHEMT
LPV3000 FILTRONIC-LPV3000 Datasheet
49Kb / 2P
2W Power PHEMT
logo
List of Unclassifed Man...
TC3967 ETC1-TC3967 Datasheet
25Kb / 1P
2W Packaged Self-Bias PHEMT GaAs Power FETs
logo
Filtronic Compound Semi...
FPD2000AS FILTRONIC-FPD2000AS Datasheet
281Kb / 7P
2W PACKAGED POWER PHEMT
FPD2000V FILTRONIC-FPD2000V Datasheet
510Kb / 3P
2W POWER PHEMT
FPD3000 FILTRONIC-FPD3000 Datasheet
183Kb / 2P
2W POWER PHEMT
FPD3000P100 FILTRONIC-FPD3000P100 Datasheet
182Kb / 3P
2W PACKAGED POWER PHEMT
FPD3000 FILTRONIC-FPD3000_1 Datasheet
168Kb / 3P
2W POWER PHEMT
logo
RF Micro Devices
FPD3000 RFMD-FPD3000 Datasheet
243Kb / 4P
2W POWER pHEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com