Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3100B Datasheet(PDF) 8 Page - STMicroelectronics

Part # L3100B
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3100B Datasheet(HTML) 8 Page - STMicroelectronics

  L3100B Datasheet HTML 1Page - STMicroelectronics L3100B Datasheet HTML 2Page - STMicroelectronics L3100B Datasheet HTML 3Page - STMicroelectronics L3100B Datasheet HTML 4Page - STMicroelectronics L3100B Datasheet HTML 5Page - STMicroelectronics L3100B Datasheet HTML 6Page - STMicroelectronics L3100B Datasheet HTML 7Page - STMicroelectronics L3100B Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PACKAGE MECHANICAL DATA.
DIL 8 (Plastic)
Packaging : Product supplied in antistatic tubes.
REF.
DIMENSIONS
Millimetres
Inches
Min. Typ. Max. Min. Typ. Max.
a1
0.70
0.027
B
1.39
1.65 0.055
0.065
B1
0.91
1.04 0.036
0.041
b
0.5
0.020
b1
0.38
0.50 0.015
0.020
D
9.80
0.385
E
8.8
0.346
e
2.54
0.100
e3
7.62
0.300
F
7.1
0.280
I
4.8
0.189
L
3.3
0.130
Z
0.44
1.60 0.017
0.063
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsIbility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 1998 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco -
The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
Weight:0.59 g
8
1
5
4
E
D
F
b1
b
e3
e
Z
B
B1
I
L
a1
L3100B/L3100B1
8/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com