Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3100B Datasheet(PDF) 2 Page - STMicroelectronics

Part # L3100B
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3100B Datasheet(HTML) 2 Page - STMicroelectronics

  L3100B Datasheet HTML 1Page - STMicroelectronics L3100B Datasheet HTML 2Page - STMicroelectronics L3100B Datasheet HTML 3Page - STMicroelectronics L3100B Datasheet HTML 4Page - STMicroelectronics L3100B Datasheet HTML 5Page - STMicroelectronics L3100B Datasheet HTML 6Page - STMicroelectronics L3100B Datasheet HTML 7Page - STMicroelectronics L3100B Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Symbol
Parameter
Value
Unit
IPP
Peak pulse current (see note 1)
10/1000
µs
8/20
µs
100
250
A
ITSM
Non repetitive surge peak on-state
current
tp = 10 ms
50
A
Tstg
Tj
Storage temperature range
Maximum operating junction temperature
- 40 to + 150
+ 150
°C
°C
TL
Maximum lead temperature for soldering during 10s
230
°C
ABSOLUTE MAXIMUM RATINGS (Tamb=25
°C)
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction-to-ambient
80
°C/W
THERMAL RESISTANCE
Note 1 : Pulse waveform 10/1000
µs
100
50
%I
PP
t
t
rp
0
t
L3100B/L3100B1
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com