Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3100B Datasheet (PDF) - STMicroelectronics

L3100B Datasheet PDF - STMicroelectronics
Part # L3100B
Download  L3100B Download
File Size   61.16 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE

L3100B Datasheet (PDF)

Go To PDF Page Download Datasheet
L3100B Datasheet PDF - STMicroelectronics

Part # L3100B
Download  L3100B Click to download

File Size   61.16 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE

L3100B Datasheet (HTML) - STMicroelectronics


L3100B Product details

DESCRIPTION

Dedicated to sensitive telecom equipment protection, this device can provide both voltage protection and current limitation with a very tight tolerance.

Its high surge current capability makes the L3100B a reliable protection device for very exposed equipment, or when series resistors are very low. The breakdown voltagecan beeasily programmed by using an external zener diode.



FEATURES

UNIDIRECTIONAL FUNCTION

PROGRAMMABLE BREAKDOWN VOLTAGE UP TO 265 V

PROGRAMMABLE CURRENT LIMITATION FROM 50 mA TO 550 mA

HIGH SURGE CURRENT CAPABILITY IPP = 100A 10/1000 µs




Similar Part No. - L3100B

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
L311 CRYDOM-L311 Datasheet
585Kb / 4P
Power Modules
logo
List of Unclassifed Man...
L31104 ETC2-L31104 Datasheet
298Kb / 7P
1 of span throughout entire range
L31120F ETC2-L31120F Datasheet
171Kb / 1P
Low Profile Designed for PCB Connections
L311F ETC2-L311F Datasheet
171Kb / 1P
Low Profile Designed for PCB Connections
logo
Crydom Inc.,
L311F CRYDOM-L311F Datasheet
585Kb / 4P
Power Modules
More results


Similar Description - L3100B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CLP200M STMICROELECTRONICS-CLP200M Datasheet
232Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
Feb-1998
CLP270M STMICROELECTRONICS-CLP270M Datasheet
368Kb / 24P
OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
Jul-2003
LCP3121 STMICROELECTRONICS-LCP3121 Datasheet
70Kb / 6P
OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
Apr-2003
THBT7011D STMICROELECTRONICS-THBT7011D Datasheet
54Kb / 8P
DUAL OVERVOLTAGE PROTECTION FOR TELECOM LINE
Jan-1999
TLPXXM STMICROELECTRONICS-TLPXXM Datasheet
157Kb / 14P
TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
Sep-1998
TPP25011 STMICROELECTRONICS-TPP25011 Datasheet
55Kb / 7P
OVERVOLTAGE and OVERCURRENT PROTECTION for TELECOM LINE
Feb-1998
CLP30-200B1 STMICROELECTRONICS-CLP30-200B1 Datasheet
138Kb / 11P
OVERVOLTAGE & OVERCURRENT PROTECTION FOR TELECOM LINE
July 1999 - Ed: 4
THBT15011 STMICROELECTRONICS-THBT15011_08 Datasheet
201Kb / 10P
Tripolar overvoltage protection for telecom line
19-Feb-2008
CLP30-200B1 STMICROELECTRONICS-CLP30-200B1_06 Datasheet
151Kb / 15P
ASD (Application Specific Devices) Overvoltage and overcurrent protection for telecom line
28-Aug-2006
CLP200M STMICROELECTRONICS-CLP200M_03 Datasheet
383Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
Jul-2003
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com