Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3100B Datasheet(PDF) 6 Page - STMicroelectronics

Part # L3100B
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3100B Datasheet(HTML) 6 Page - STMicroelectronics

  L3100B Datasheet HTML 1Page - STMicroelectronics L3100B Datasheet HTML 2Page - STMicroelectronics L3100B Datasheet HTML 3Page - STMicroelectronics L3100B Datasheet HTML 4Page - STMicroelectronics L3100B Datasheet HTML 5Page - STMicroelectronics L3100B Datasheet HTML 6Page - STMicroelectronics L3100B Datasheet HTML 7Page - STMicroelectronics L3100B Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Table below gives the tolerance of the limited current IT for each standardized resistor value.
The formula (1) has been used with VGN values specified at the typical gate current level IGN.
+
-
A
C
L3100B\B1
PTC
HOOK
SPEECH
DIALING
RINGER
GN
Ra
RINGER
APPLICATION CIRCUIT
Overvoltage Protection and Current limitation
CURRENT TOLERANCE
R
(
± 5%)
IT
mA
min
IT
mA
max
3.00
3.30
3.60
3.90
4.30
4.70
5.10
5.60
6.20
6.80
7.50
8.20
9.10
10.10
11.00
12.00
13.00
15.00
16.00
18.00
20.00
22.00
24.00
27.00
30.00
268
246
228
213
196
181
170
158
145
135
152
117
108
101
95
90
85
78
75
70
66
62
60
56
54
533
503
478
456
433
413
396
379
361
347
333
322
310
299
291
283
277
266
263
256
250
245
242
237
233
L3100B
-
+
LOAD
VGN
@IGN
Min.
Max.
Typ.
VV
mA
0.75
0.95
100
L3100B/L3100B1
6/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com