Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLP270M Datasheet (PDF) - STMicroelectronics

CLP270M Datasheet PDF - STMicroelectronics
Part # CLP270M
Download  CLP270M Download
File Size   368.6 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE

CLP270M Datasheet (PDF)

Go To PDF Page Download Datasheet
CLP270M Datasheet PDF - STMicroelectronics

Part # CLP270M
Download  CLP270M Click to download

File Size   368.6 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE

CLP270M Datasheet (HTML) - STMicroelectronics


CLP270M Product details

DESCRIPTION
The CLP270M is designed to protect telecommunication equipment. It provides both a transient overvoltage protection and an overcurrent protection.
It is housed in a PowerSO-10TM package.

FEATURES
■ DUAL BIDIRECTIONAL PROTECTION DEVICE.
■ HIGH PEAK PULSE CURRENT :
    Ipp = 100A (10/1000 µs SURGE)
    Ipp = 500A (2/10 µs SURGE)
■ MAX. VOLTAGE AT SWITCHING-ON : 380V
■ MIN. CURRENT AT SWITCHING-OFF : 150mA
■ FAILURE STATUS OUTPUT PIN

BENEFITS
■ Both primary and secondary protection levels in one device.
■ Voltage and current controlled suppression.
■ Surface Mounting with PowerSO-10TM package.
■ Line card cost reduction thanks to the very low power rating of external components required : balanced resistors, ring relay, low voltage SLIC protection.

MAIN APPLICATIONS
Any telecom equipment submitted to transient overvoltages and lightning strikes such as :
■ Analog and ISDN line cards
■ PABX
■ Main Distribution Frames
■ Primary protection modules




Similar Part No. - CLP270M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CLP200M STMICROELECTRONICS-CLP200M Datasheet
232Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
Feb-1998
CLP200M STMICROELECTRONICS-CLP200M Datasheet
383Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
Jul-2003
CLP200M-TR STMICROELECTRONICS-CLP200M-TR Datasheet
383Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
Jul-2003
CLP200M STMICROELECTRONICS-CLP200M_03 Datasheet
383Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
Jul-2003
logo
Roithner LaserTechnik G...
CLP20CR ROITHNER-CLP20CR Datasheet
1Mb / 4P
High effciency
More results


Similar Description - CLP270M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CLP200M STMICROELECTRONICS-CLP200M Datasheet
232Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
Feb-1998
L3100B STMICROELECTRONICS-L3100B Datasheet
61Kb / 8P
OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
Sep-1998
LCP3121 STMICROELECTRONICS-LCP3121 Datasheet
70Kb / 6P
OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
Apr-2003
THBT7011D STMICROELECTRONICS-THBT7011D Datasheet
54Kb / 8P
DUAL OVERVOLTAGE PROTECTION FOR TELECOM LINE
Jan-1999
TLPXXM STMICROELECTRONICS-TLPXXM Datasheet
157Kb / 14P
TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
Sep-1998
TPP25011 STMICROELECTRONICS-TPP25011 Datasheet
55Kb / 7P
OVERVOLTAGE and OVERCURRENT PROTECTION for TELECOM LINE
Feb-1998
CLP30-200B1 STMICROELECTRONICS-CLP30-200B1 Datasheet
138Kb / 11P
OVERVOLTAGE & OVERCURRENT PROTECTION FOR TELECOM LINE
July 1999 - Ed: 4
THBT15011 STMICROELECTRONICS-THBT15011_08 Datasheet
201Kb / 10P
Tripolar overvoltage protection for telecom line
19-Feb-2008
CLP30-200B1 STMICROELECTRONICS-CLP30-200B1_06 Datasheet
151Kb / 15P
ASD (Application Specific Devices) Overvoltage and overcurrent protection for telecom line
28-Aug-2006
CLP200M STMICROELECTRONICS-CLP200M_03 Datasheet
383Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
Jul-2003
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com