Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLP270M Datasheet(PDF) 9 Page - STMicroelectronics

Part # CLP270M
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLP270M Datasheet(HTML) 9 Page - STMicroelectronics

Back Button CLP270M Datasheet HTML 5Page - STMicroelectronics CLP270M Datasheet HTML 6Page - STMicroelectronics CLP270M Datasheet HTML 7Page - STMicroelectronics CLP270M Datasheet HTML 8Page - STMicroelectronics CLP270M Datasheet HTML 9Page - STMicroelectronics CLP270M Datasheet HTML 10Page - STMicroelectronics CLP270M Datasheet HTML 11Page - STMicroelectronics CLP270M Datasheet HTML 12Page - STMicroelectronics CLP270M Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
CLP270M
9/24
Test
Test for
Voltage
(VRMS)
Short circuit
current per
conductor
(Amps)
Duration
Test
connections
per
table 4.1
1
Secondary
contact
120, 277
25
15 minutes
A
2
Primary
contact
600
60
5 seconds
A
3
Short-term
fault induction
600
7
5 seconds
A
4
Long-term
fault induction
100-600
2.2
(at 600 V)
15 minutes
A
5
High impedance
induction
15 minutes
Table 4: Second level AC power fault (table 4-8 of GR-1089-CORE issue 2, december 1997).
Test
Voltage
(VRMS)
Short circuit
current per
conductor
(Amps)
Duration
Primary
protection
Test
connections
per
table 4.1
1
50
0.33
15 minutes
Removed
A
2
100
0.17
15 minutes
Removed
A
3
200, 400
and 600
1 (at 600V)
60 1 s
application of
each voltage
Removed
A
4
1000
1
60 1s
applications
Operative
protector in
place
B
5
see figure 4-3
see figure 4-3
60 5s
applications
Removed
see figure 4-3
6
600
0.5
30s
Removed
A
7
600
2.2
2s
Removed
A
8
600
3
1s
Removed
A
9
1000
5
0.5s
Operative
protector in
place
B
Table 3: First level AC power fault (table 4-7 of GR-1089-CORE issue 2, december 1997).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com