Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLP270M Datasheet(PDF) 14 Page - STMicroelectronics

Part # CLP270M
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLP270M Datasheet(HTML) 14 Page - STMicroelectronics

Back Button CLP270M Datasheet HTML 10Page - STMicroelectronics CLP270M Datasheet HTML 11Page - STMicroelectronics CLP270M Datasheet HTML 12Page - STMicroelectronics CLP270M Datasheet HTML 13Page - STMicroelectronics CLP270M Datasheet HTML 14Page - STMicroelectronics CLP270M Datasheet HTML 15Page - STMicroelectronics CLP270M Datasheet HTML 16Page - STMicroelectronics CLP270M Datasheet HTML 17Page - STMicroelectronics CLP270M Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
CLP270M
14/24
The figures 17 and 18 give the voltage and current behavior during positive and negative 5kV, 2/10
µs,500A
surge with the CLP270M acting in Ringing mode.
2/10 µs
GENERATOR
+/- 5 kV
(500 A)
4
TIPL
TIPS
GND
1/2 CLP270M
I
V1
50
I2
SLIC
LCP1511D
-48V
V2
1
Rsense
Rp
Fig. 19: Lightning test in Speech mode.
Fig. 20: CLP270M response to a positive surge.
Fig. 21: CLP270M response to a negative surge.
3.3.2. Speech mode
The figures 20 and 22 give the voltage and current behavior during positive and negative 5kV, 2/10
µs,500A
surge with the CLP270M acting in speech mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com