Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLP270M Datasheet(PDF) 1 Page - STMicroelectronics

Part # CLP270M
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLP270M Datasheet(HTML) 1 Page - STMicroelectronics

  CLP270M Datasheet HTML 1Page - STMicroelectronics CLP270M Datasheet HTML 2Page - STMicroelectronics CLP270M Datasheet HTML 3Page - STMicroelectronics CLP270M Datasheet HTML 4Page - STMicroelectronics CLP270M Datasheet HTML 5Page - STMicroelectronics CLP270M Datasheet HTML 6Page - STMicroelectronics CLP270M Datasheet HTML 7Page - STMicroelectronics CLP270M Datasheet HTML 8Page - STMicroelectronics CLP270M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1/24
CLP270M
®
OVERVOLTAGE AND OVERCURRENT
PROTECTION FOR TELECOM LINE
Application Specific Discretes
A.S.D.
PRELIMINARY DATASHEET
PowerSO-10TM
SCHEMATIC DIAGRAM
MAIN APPLICATIONS
Any telecom equipment submitted to transient
overvoltages and lightning strikes such as :
s
Analog and ISDN line cards
s
PABX
s
Main Distribution Frames
s
Primary protection modules
DESCRIPTION
The
CLP270M
is
designed
to
protect
telecommunication equipment. It provides both a
transient
overvoltage
protection
and
an
overcurrent protection.
It is housed in a PowerSO-10
TM package.
FEATURES
s
DUAL BIDIRECTIONAL PROTECTION DEVICE.
s
HIGH PEAK PULSE CURRENT :
Ipp = 100A (10/1000
µs SURGE)
Ipp = 500A (2/10
µs SURGE)
s
MAX. VOLTAGE AT SWITCHING-ON : 380V
s
MIN. CURRENT AT SWITCHING-OFF : 150mA
s
FAILURE STATUS OUTPUT PIN
BENEFITS
s
Both primary and secondary protection levels in
one device.
s
Voltage and current controlled suppression.
s
Surface
Mounting
with
PowerSO-10TM
package.
s
Line card cost reduction thanks to the very low
power rating of external components required :
balanced resistors, ring relay, low voltage SLIC
protection.
NC
FS
TIPS
RINGS
TIPL
TIPL
TIPL
RING L
RING L
RING L
TAB is connected to GND
1
July 2003 - Ed: 7C


Similar Part No. - CLP270M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CLP200M STMICROELECTRONICS-CLP200M Datasheet
232Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
Feb-1998
CLP200M STMICROELECTRONICS-CLP200M Datasheet
383Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
Jul-2003
CLP200M-TR STMICROELECTRONICS-CLP200M-TR Datasheet
383Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
Jul-2003
CLP200M STMICROELECTRONICS-CLP200M_03 Datasheet
383Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
Jul-2003
logo
Roithner LaserTechnik G...
CLP20CR ROITHNER-CLP20CR Datasheet
1Mb / 4P
High effciency
More results

Similar Description - CLP270M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CLP200M STMICROELECTRONICS-CLP200M Datasheet
232Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
Feb-1998
L3100B STMICROELECTRONICS-L3100B Datasheet
61Kb / 8P
OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
Sep-1998
LCP3121 STMICROELECTRONICS-LCP3121 Datasheet
70Kb / 6P
OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
Apr-2003
THBT7011D STMICROELECTRONICS-THBT7011D Datasheet
54Kb / 8P
DUAL OVERVOLTAGE PROTECTION FOR TELECOM LINE
Jan-1999
TLPXXM STMICROELECTRONICS-TLPXXM Datasheet
157Kb / 14P
TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
Sep-1998
TPP25011 STMICROELECTRONICS-TPP25011 Datasheet
55Kb / 7P
OVERVOLTAGE and OVERCURRENT PROTECTION for TELECOM LINE
Feb-1998
CLP30-200B1 STMICROELECTRONICS-CLP30-200B1 Datasheet
138Kb / 11P
OVERVOLTAGE & OVERCURRENT PROTECTION FOR TELECOM LINE
July 1999 - Ed: 4
THBT15011 STMICROELECTRONICS-THBT15011_08 Datasheet
201Kb / 10P
Tripolar overvoltage protection for telecom line
19-Feb-2008
CLP30-200B1 STMICROELECTRONICS-CLP30-200B1_06 Datasheet
151Kb / 15P
ASD (Application Specific Devices) Overvoltage and overcurrent protection for telecom line
28-Aug-2006
CLP200M STMICROELECTRONICS-CLP200M_03 Datasheet
383Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
Jul-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com