Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLP270M Datasheet(PDF) 12 Page - STMicroelectronics

Part # CLP270M
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLP270M Datasheet(HTML) 12 Page - STMicroelectronics

Back Button CLP270M Datasheet HTML 8Page - STMicroelectronics CLP270M Datasheet HTML 9Page - STMicroelectronics CLP270M Datasheet HTML 10Page - STMicroelectronics CLP270M Datasheet HTML 11Page - STMicroelectronics CLP270M Datasheet HTML 12Page - STMicroelectronics CLP270M Datasheet HTML 13Page - STMicroelectronics CLP270M Datasheet HTML 14Page - STMicroelectronics CLP270M Datasheet HTML 15Page - STMicroelectronics CLP270M Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
CLP270M
12/24
Fig. 14: CLP270M response to a positive surge.
Fig. 15: CLP270M reponse to a negative surge.
switches on within 250ns and withstands the 500A given by the BELLCORE 2/10
µs generator.
3.2.2. Speech mode
Figures 14 and 15 give the voltage and current behavior during positive and negative 2.5kV, 2/10
µs, 500A
surge tests using a LCP1511D as second stage protection device. The firing threshold values are now
adjusted to GND and to -Vbat (-48V) by the action of the second stage protection which acts as an external
voltage reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com