Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLP270M Datasheet(PDF) 7 Page - STMicroelectronics

Part # CLP270M
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLP270M Datasheet(HTML) 7 Page - STMicroelectronics

Back Button CLP270M Datasheet HTML 3Page - STMicroelectronics CLP270M Datasheet HTML 4Page - STMicroelectronics CLP270M Datasheet HTML 5Page - STMicroelectronics CLP270M Datasheet HTML 6Page - STMicroelectronics CLP270M Datasheet HTML 7Page - STMicroelectronics CLP270M Datasheet HTML 8Page - STMicroelectronics CLP270M Datasheet HTML 9Page - STMicroelectronics CLP270M Datasheet HTML 10Page - STMicroelectronics CLP270M Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
CLP270M
7/24
The operating point moves to region 5 for positive surges or region 6 for negative surges.
Once the surge current falls below the switching-off current ISWOFF, the CLP270M returns to its initial state
(region 4).
The choice of the switching-on currents is function of the Rsense resistors.
In normal operating condition the current (typically below -100 mA) should not activate the protection
device CLP270M. Therefore the level of activation is to be chosen just above this limit (-200 mA). This level
is adjusted through Rsense.
Figures 7a and 7b enable the designers to choose the right Rsense value.
EXAMPLE :
The choice of Rsense =4
Ω ensures a negative triggering of -190 mA min and -320 mA max. In this case, the
positive triggering will be 150mA min and 280 mA max.
2.5. Failure Status
The CLP270M has an internal feature that allows the user to get a Failure Status (FS) indication. When the
CLP270M is short-circuiting the line to GND, a signal can be managed through pin 1. This signal can be
used to turn a LED on in order to provide a surge indication. It may also be used with a logic circuitry to
count the number of disturbances appearing on the lines.
If a surge exceeding the maximum ratings of the CLP270M occurs on the line, the device will fail in a
short-circuit state.
3
5
7
9
11
13
0.2
0.3
0.5
1
2
Rsense ( )
ISWON (T, Rsense) / ISWON (25°C, 4
)
@-20°C @25°C
@75°C
35
7
9
11
50
100
200
300
500
Rsense ( )
Iswon @ 25°C (mA)
Iswon min
negative
Iswon max
negative
Iswon min
positive
Iswon max
positive
Fig. 7a and 7b: Switching-on current versus Rsense.
CLP270M
Rsense
Rsense
1
FAILURE
+12V
1k
STATUS
Fig. 8: Failure Status circuit and diagnostic.
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
10
20
50
100
200
500
1 000
2 000
5 000
t (ms)
Fig. 9 : Operation limits and destruction zone of
the CLP270M.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com