Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLP270M Datasheet(PDF) 6 Page - STMicroelectronics

Part # CLP270M
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLP270M Datasheet(HTML) 6 Page - STMicroelectronics

Back Button CLP270M Datasheet HTML 2Page - STMicroelectronics CLP270M Datasheet HTML 3Page - STMicroelectronics CLP270M Datasheet HTML 4Page - STMicroelectronics CLP270M Datasheet HTML 5Page - STMicroelectronics CLP270M Datasheet HTML 6Page - STMicroelectronics CLP270M Datasheet HTML 7Page - STMicroelectronics CLP270M Datasheet HTML 8Page - STMicroelectronics CLP270M Datasheet HTML 9Page - STMicroelectronics CLP270M Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
CLP270M
6/24
s
up to 4 fixed external voltage reference (VZ1 to VZ4) (see fig. 5a, here-below).
s
external reference supplies, Vb1 and Vb2 (see fig. 5b, on next page).
2.4. Speech mode
In speech mode (Ring relay in position 1), the protection is provided by the combination of both CLP270M
and the external voltage reference device.
In normal conditions, the working point of this circuit is located in region 4 of A2 curve : the CLP270M is idle.
When a surge occurs on the line, the external voltage reference device clamps at GND or -Vbat respectively
for positive and negative surges.
This generates a current which is detected by Rsense and causes the protection to act : the line is
short-circuited to GND.
RINGS
Rsense
1
2
Overvoltage
reference
(+/- 270 V)
Overvoltage
detector
Overcurrent
detector
OR
Overvoltage
reference
(+/- 270 V)
Overvoltage
detector
Overcurrent
detector
OR
TIPL
TIPS
RINGL
FS
GND
SW3 SW1
SW4 SW2
Rsense
1
2
Fuse
Fuse
TIP
RING
VB1
VB2
Rp
Rp
Fig. 5b: Method to adjust the reference voltage.
Rsense
Rp
1
2
Overvoltage
reference
(+/- 270 V)
Overvoltage
detector
Overcurrent
detector
OR
TIPL
TIPS
FS
SW3 SW1
Fuse
TIP
GND
-Vbat
External
voltage
reference
ILG
VLG
ILG
V
A2
LG
4
5
6
VREF1
-VREF2
Fig. 6: Switching by current during speech mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com