Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3281 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L3281
Description  LOW VOLTAGE TELEPHONE SPEECH CIRCUITS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3281 Datasheet(HTML) 1 Page - STMicroelectronics

  L3281 Datasheet HTML 1Page - STMicroelectronics L3281 Datasheet HTML 2Page - STMicroelectronics L3281 Datasheet HTML 3Page - STMicroelectronics L3281 Datasheet HTML 4Page - STMicroelectronics L3281 Datasheet HTML 5Page - STMicroelectronics L3281 Datasheet HTML 6Page - STMicroelectronics L3281 Datasheet HTML 7Page - STMicroelectronics L3281 Datasheet HTML 8Page - STMicroelectronics L3281 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
L3281
LOW VOLTAGE TELEPHONE SPEECH CIRCUITS
PRELIMINARY DATA
OPERATION DOWN TO 1.6V / 6.5mA
DTMF & BEEP TONE INPUTS
EXTERNAL MUTING FOR EARPHONE AND
MICROPHONE
SUITABLE FOR DYNAMIC EARPHONE AND
DYNAMIC OR ELECTRET MICROPHONE
AGC CONTROL ON BOTH SENDING AND
RECEIVING
DESCRIPTION
The L3281 is an electronic speech circuit devel-
oped to replace hybrid circuits in telephone sets
that can be operated in parallel with other
phones.
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
June 1993
BLOCK DIAGRAM
DIP14
ORDERING NUMBERS:
L3281AB
L3281AD1
SO14
1/10


Similar Part No. - L3281

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3280 STMICROELECTRONICS-L3280 Datasheet
218Kb / 6P
LOW VOTAGE TELEPHONE SPEECH CIRCUIT
Jun-1983
L3280AB STMICROELECTRONICS-L3280AB Datasheet
218Kb / 6P
LOW VOTAGE TELEPHONE SPEECH CIRCUIT
Jun-1983
More results

Similar Description - L3281

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2105 NJRC-NJM2105 Datasheet
204Kb / 6P
TELEPHONE SPEECH NETWORK IC
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
Cordless Telephone Speech Network IC
logo
Hynix Semiconductor
GL6965 HYNIX-GL6965 Datasheet
340Kb / 23P
Telephone Speech Network with Dialer Interface
logo
Ericsson
PBL3781 ERICSSON-PBL3781 Datasheet
546Kb / 9P
LOW VOLTAGE SPEECH CIRCUIT
logo
Panasonic Semiconductor
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
Cordless Telephone Speech Network IC
logo
Integral Corp.
ILA1062 INTEGRAL-ILA1062 Datasheet
189Kb / 9P
TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
logo
STMicroelectronics
L3280 STMICROELECTRONICS-L3280 Datasheet
218Kb / 6P
LOW VOTAGE TELEPHONE SPEECH CIRCUIT
Jun-1983
logo
National Semiconductor ...
TP5700A NSC-TP5700A Datasheet
185Kb / 8P
Telephone Speech Circuit
logo
TEMIC Semiconductors
U4030B TEMIC-U4030B Datasheet
167Kb / 14P
Telephone Speech Circuit
logo
KODENSHI_AUK CORP.
KKA1062 KODENSHI-KKA1062 Datasheet
366Kb / 9P
TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com