Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3281 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L3281
Description  LOW VOLTAGE TELEPHONE SPEECH CIRCUITS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3281 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L3281 Datasheet HTML 2Page - STMicroelectronics L3281 Datasheet HTML 3Page - STMicroelectronics L3281 Datasheet HTML 4Page - STMicroelectronics L3281 Datasheet HTML 5Page - STMicroelectronics L3281 Datasheet HTML 6Page - STMicroelectronics L3281 Datasheet HTML 7Page - STMicroelectronics L3281 Datasheet HTML 8Page - STMicroelectronics L3281 Datasheet HTML 9Page - STMicroelectronics L3281 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DC CHARACTERISTIC
The fig.5 shows the equivalent simplified circuit of
the DC regulator that provides to give the oppor-
tune DC impedance Zdc.
VL
=
Idc
⋅ Z4
RB
⋅(RA+ RB)
 + VD + VR1
VL
= 
(Idc
⋅ Z4)⋅
RA
RB
+ 1
+ VD + VR1
since RA = RB
VL
=
(Idc
⋅ Z4⋅ 2) + VD+ VR1
When IL 18 mA and considering neglectible the
VD + VR1 variation versus line current :
ZDC
= ∆
VL
∆ Idc =
2
⋅Z4
At IL = 6.5 mA no current flows through Z4 but
only in the rest of the circuit for internal biasing
(Io;Ia). The bias current Io is fixed by the resistor
R2. The line voltage in this case is :
VL = Ia RA + VR1 = 1.6 V
The Fig.6 shows the DC characteristic (voltage
between pin 12 and pin 3 versus line current).
The device own an equivalent zener voltage at
pin 5 that can be used as supply voltage for elec-
tret microphone (see Block Diagram).
The value of the resistor R2 and the capacitor C2
should be chosen in order to not affect the AC
line inpedance. The Fig.7 shows the zener
equivalent.
The zener voltage will be:
Vz
= 
70K
13.6K
+ 1
⋅ Vbe
It is possible to supply 1mA to the electrete volt-
age if VL > (1mA + Iz)
⋅ Rz + Vz
Figure 5: Equivalent Simplified Circuit
Figure 6: Low Voltage Speech Circuit.
Figure 7: Zener Equivalent.
L3281
6/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com