Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3281 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L3281
Description  LOW VOLTAGE TELEPHONE SPEECH CIRCUITS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3281 Datasheet(HTML) 4 Page - STMicroelectronics

  L3281 Datasheet HTML 1Page - STMicroelectronics L3281 Datasheet HTML 2Page - STMicroelectronics L3281 Datasheet HTML 3Page - STMicroelectronics L3281 Datasheet HTML 4Page - STMicroelectronics L3281 Datasheet HTML 5Page - STMicroelectronics L3281 Datasheet HTML 6Page - STMicroelectronics L3281 Datasheet HTML 7Page - STMicroelectronics L3281 Datasheet HTML 8Page - STMicroelectronics L3281 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ELECTRICAL CHARACTERISTICS IL = 20 to 100mA; R4 =( 51
Ω // diode) + 33Ω;
T= 25
°C; f = 1kHz; Unless Otherwise Specified
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vl
Line Voltage
IL = 6.5mA
IL = 20mA
IL = 50mA
IL = 80mA
1.65
3.4
6.0
8
3.7
6.5
9.5
V
V
V
V
CMRR
Common Mode Rej. Ratio
50
dB
Gtx
Sending Gain
Vmi = 10mV; IL = 20mA
30
31.5
33
dB
DGtx
Delta Sending Gain
Vmi = 10mV; IL = 70mA
– 7.2
–5.7
–4.2
dB
THDtx
Sending Distortion
Vso = 700mV; IL = 20mA
5
%
Ntx
Sending Noise
Vmi = 0V; IL = 50mA
– 70
dB
Zml
Mic. Input Impedance
Vmi = 10mV
40
k
Ω
Grx
Receiving Gain
IL = 20mA; Vri = 0.2V
– 10.7
– 9.2
– 7.7
dB
DGrx
Delta Receiving Gain
IL = 70mA; Vri = 0.2V
– 7.2
– 5.7
– 4.2
dB
THDrx
Receiving Distortion
Vro = 350mV; Load = 350
Ω
Vro = 300mV; IL =10 mA
5
5
%
%
Nrx
Receiving Noise
Vri = 0V
100
µV
Zro
Rec. Output Impedance
Load = 200
Ω;Vro = 50V
10
Ω
Sidetone
Vmi = 10mV
10
20
dB
Zm
Line Match. Impedance
Vri = 0.2V
500
600
700
Ω
Vso
Sending Output Voltage
IL = 6.5mA; THD = 5%
100
mV
Iro
Receiving Output Current
IL = 6.5mA; THD = 5%
0.5
mAp
MUlo
Mute Input Low
Dialing Mode
50
100
µA
MUhl
Mute Input Open
Speaking Mode
1
µA
Gmf
DTMF Gain
Vmf IN = 10mV
14.5
16
17.5
dB
Rmf
DTMF Input Impedance
5
10
k
Ω
THDmf
DTMF Distortion
Vmf LN = 140mV
5
%
Gbeep
Beeptone Gain
Vbeep IN = 25mV
8.5
dB
Rbeep
Beeptone Input Impedance
5.5
8
k
Ω
THDbeep
Beeptone Distortion
Vbeep IN = 100mV; IL = 20mA
0.5
5
%
Vz
Zener Voltage (Pin 5)
Iz = 1 mA
4.2
5.1
6.2
V
Ileak
Leakage Current,Vpin5 =3V
20
µA
L3281
4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com