Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3281 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L3281
Description  LOW VOLTAGE TELEPHONE SPEECH CIRCUITS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3281 Datasheet(HTML) 2 Page - STMicroelectronics

  L3281 Datasheet HTML 1Page - STMicroelectronics L3281 Datasheet HTML 2Page - STMicroelectronics L3281 Datasheet HTML 3Page - STMicroelectronics L3281 Datasheet HTML 4Page - STMicroelectronics L3281 Datasheet HTML 5Page - STMicroelectronics L3281 Datasheet HTML 6Page - STMicroelectronics L3281 Datasheet HTML 7Page - STMicroelectronics L3281 Datasheet HTML 8Page - STMicroelectronics L3281 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PIN CONNECTION (top view)
THERMAL DATA
Symbol
Parameter
Value
Unit
DIP-14
SO-14
Rth j-amb
Thermal Resistance Junction Ambient Max
90
130
°C/W
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
DIP-14
SO-14
VL
Line Voltage (3 ms pulse)
15
V
IL
Line Current
150
mA
Ptot
Total Power Dissipation, Tamb =55
°C
1.0
0.6
W
Top
Operating Temperature
– 20 to 55
°C
Tj
Junction Temperature
– 65 to 150
°C
L3281
2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com