Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBJ Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SMBJ
Description  600W, 5V - 170V Surface Mount Transient Voltage Suppressor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMBJ Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SMBJ Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMBJ Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMBJ Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMBJ Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMBJ Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SMBJ Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd SMBJ Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd SMBJ Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SMBJ SERIES
Taiwan Semiconductor
2
Version:O1701
THERMAL PERFORMANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Junction-to-Case Thermal Resistance
RӨJC
10
°C/W
Junction-to-Ambient Thermal Resistance
RӨJA
55
°C/W
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise noted)
Part number
Marking code
Breakdown voltage
VBR@IT
(V)
(Note 1)
Test current
IT
(mA)
Working
stand-off
voltage
VWM
(V)
Maximum
blocking
leakage
current
IIB@VWM
(µA)
Maximum
peak
impulse
current
IPP
(A)
(Note 2)
Maximum
clamping
voltage
VC@IPP
(V)
Min.
Max.
SMBJ5.0
KD
6.40
7.30
10
5.0
800
65.0
9.6
SMBJ5.0A
KE
6.40
7.00
10
5.0
800
68.0
9.2
SMBJ6.0
KF
6.67
8.15
10
6.0
800
55.0
11.4
SMBJ6.0A
KG
6.67
7.37
10
6.0
800
61.0
10.3
SMBJ6.5
KH
7.22
8.82
10
6.5
500
51.0
12.3
SMBJ6.5A
KK
7.22
7.98
10
6.5
500
56.0
11.2
SMBJ7.0
KL
7.78
9.51
10
7.0
200
47.0
13.3
SMBJ7.0A
KM
7.78
8.60
10
7.0
200
52.0
12.0
SMBJ7.5
KN
8.33
10.3
1
7.5
100
44.0
14.3
SMBJ7.5A
KP
8.33
9.21
1
7.5
100
48.0
12.9
SMBJ8.0
KQ
8.89
10.9
1
8.0
50
42.0
15.0
SMBJ8.0A
KR
8.89
9.83
1
8.0
50
46.0
13.6
SMBJ8.5
KS
9.44
11.5
1
8.5
10
39.0
15.9
SMBJ8.5A
KT
9.44
10.4
1
8.5
10
43.0
14.4
SMBJ9.0
KU
10.0
12.2
1
9.0
5
37.0
16.9
SMBJ9.0A
KV
10.0
11.1
1
9.0
5
40.0
15.4
SMBJ10
KW
11.1
13.6
1
10
5
33.0
18.8
SMBJ10A
KX
11.1
12.3
1
10
5
37.0
17.0
SMBJ11
KY
12.2
14.9
1
11
1
31.0
20.1
SMBJ11A
KZ
12.2
13.5
1
11
1
34.0
18.2
SMBJ12
LD
13.3
16.3
1
12
1
28.0
22.0
SMBJ12A
LE
13.3
14.7
1
12
1
31.0
19.9
SMBJ13
LF
14.4
17.6
1
13
1
26.0
23.8
SMBJ13A
LG
14.4
15.9
1
13
1
29.0
21.5
SMBJ14
LH
15.6
19.1
1
14
1
24.4
25.8
SMBJ14A
LK
15.6
17.2
1
14
1
27.0
23.2
SMBJ15
LL
16.7
20.4
1
15
1
23.1
26.9
SMBJ15A
LM
16.7
18.5
1
15
1
25.1
24.4
SMBJ16
LN
17.8
21.8
1
16
1
21.8
28.8
SMBJ16A
LP
17.8
19.7
1
16
1
24.2
26.0
SMBJ17
LQ
18.9
23.1
1
17
1
20.0
30.5
SMBJ17A
LR
18.9
20.9
1
17
1
22.8
27.6
SMBJ18
LS
20.0
24.4
1
18
1
19.5
32.2
SMBJ18A
LT
20.0
22.1
1
18
1
21.5
29.2
SMBJ20
LU
22.2
27.1
1
20
1
17.6
35.8
SMBJ20A
LV
22.2
24.5
1
20
1
19.4
32.4
SMBJ22
LW
24.4
29.8
1
22
1
15.0
39.4
SMBJ22A
LX
24.4
26.9
1
22
1
17.7
35.5
SMBJ24
LY
26.7
32.6
1
24
1
14.6
43.0
SMBJ24A
LZ
26.7
29.5
1
24
1
16.0
38.9
SMBJ26
MD
28.9
35.3
1
26
1
13.5
46.6
SMBJ26A
ME
28.9
31.9
1
26
1
14.9
42.1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com