Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBJ Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # SMBJ
Description  600W, 5V - 170V Surface Mount Transient Voltage Suppressor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMBJ Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  SMBJ Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMBJ Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMBJ Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMBJ Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMBJ Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SMBJ Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd SMBJ Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd SMBJ Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SMBJ SERIES
Taiwan Semiconductor
4
Version:O1701
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise noted)
Part number Marking code
Breakdown voltage
VBR@IT
(V)
(Note 1)
Test
current
IT
(mA)
Working
stand-off
voltage
VWM
(V)
Maximum
blocking
leakage
current
IIB@VWM
(µA)
Maximum
peak
impulse
current
IPP
(A)
(Note 2)
Maximum
clamping
voltage
VC@IPP
(V)
Min.
Max.
SMBJ170A
PR
189
209
1
170
1
2.2
275
Notes:
1.
VBR measure after IT applied for 300μs, IT=square wave pulse or equivalent.
2.
Surge current waveform per Figure. 3 and derate per Figure. 2.
3.
All terms and symbols are consistent with ANSI/IEEE C62.35.
4.
For bidirectional use C or CA suffix for types SMBJ5.0 - SMBJ170
5.
For bipolar types having VWM of 10 volts (SMBJ8.0C) and under, the ID limit is doubled.
ORDERING INFORMATION
PART NO.
PART NO.
SUFFIX
PACKING
CODE
PACKING CODE
SUFFIX(*)
PACKAGE
PACKING
SMBJxxxx
(Note 1)
H
R5
G
SMB
850 / 7" Plastic reel
R4
SMB
3,000 / 13" Paper reel
M4
SMB
3,000 / 13" Plastic reel
Note:
1. "xxxx" defines voltage from 5.0V (SMBJ5.0) to 170V (SMBJ170A)
*: Optional available
EXAMPLE P/N
EXAMPLE P/N
PART NO.
PART NO.
SUFFIX
PACKING
CODE
PACKING CODE
SUFFIX
DESCRIPTION
SMBJ20AHR5G
SMBJ20A
H
R5
G
AEC-Q101 qualified
Green compound



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com