Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBJ Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SMBJ
Description  600W, 5V - 170V Surface Mount Transient Voltage Suppressor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMBJ Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SMBJ Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMBJ Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMBJ Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMBJ Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMBJ Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SMBJ Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd SMBJ Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd SMBJ Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SMBJ SERIES
Taiwan Semiconductor
1
Version:O1701
600W, 5V - 170V Surface Mount Transient Voltage Suppressor
FEATURES
● Low profile package
● Ideal for automated placement
● Glass passivated junction
● Built-in strain relief
● Excellent clamping capability
● Fast response time: Typically less than 1.0ps
● Typical I
R less than 1μA above 10V
● Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● Switching mode power supply (SMPS)
MECHANICAL DATA
● Case: DO-214AA (SMB)
● Molding compound meets UL 94V-0 flammability rating
● Packing code with suffix "G" means green compound
(halogen-free)
● Part no. with suffix “H” means AEC-Q101 qualified
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: As marked
● Weight: 0.09 g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
VWM
2
V
VBR (uni - directional)
5 - 170
V
VBR (bi - directional)
5 - 170
V
PPPSM
600
W
TJ MAX
150
°C
Package
DO-214AA (SMB)
Configuration
Single Die
DO-214AA (SMB)
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
Part Number
UNIT
Non-repetitive peak impulse power dissipation with
10/1000us waveform
(1)
PPPSM
600
W
Steady state power dissipation at
Ptot
3
W
Forward Voltage @ IF=50A for Uni-directional only
(2)
VF
3.5 / 5.0
V
Junction temperature
TJ
- 55 to +150
°C
Storage temperature
TSTG
- 55 to +150
°C
Notes:
1.
Non-repetitive Current Pulse Per Fig. 3 and derated above TA=25°C Per Fig. 2
2.
VF=3.5V on SMBJ5.0 - SMBJ90 Devices and VF=5.0V on SMBJ100 - SMBJ170 Devices
Devices for Bipolar Applications
1.
For Bidirectional Use C or CA Suffix for Types SMBJ5.0 - Types SMBJ170
2.
Electrical Characteristics Apply in Both Directions


Similar Part No. - SMBJ

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ JGD-SMBJ Datasheet
301Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Bytes
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Yangzhou yangjie electr...
SMBJ YANGJIE-SMBJ Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
UNIOHM CORPORATION
SMBJ UNIOHM-SMBJ Datasheet
337Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SMBJ SECOS-SMBJ Datasheet
422Kb / 4P
600W Peak Power Surface Mount TVS
More results

Similar Description - SMBJ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMBJ50CA DIODES-SMBJ50CA Datasheet
81Kb / 3P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 11 - 2
SMBJ50CA DIODES-SMBJ50CA_1 Datasheet
80Kb / 4P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 15 - 2
logo
Frontier Electronics.
P6SMBJ5.0 FRONTIER-P6SMBJ5.0 Datasheet
133Kb / 4P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMBJ7.5CA-13 DIODES-SMBJ7.5CA-13 Datasheet
142Kb / 5P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 17
SMBJ51CA-13 DIODES-SMBJ51CA-13 Datasheet
142Kb / 5P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 17
SMBJ350A-13-F DIODES-SMBJ350A-13-F Datasheet
100Kb / 4P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 2
logo
Taiwan Semiconductor Co...
SMCJ TSC-SMCJ_15 Datasheet
192Kb / 7P
1500W, 5V - 170V Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
P6SMAJ58ADFQ-13 DIODES-P6SMAJ58ADFQ-13 Datasheet
375Kb / 6P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
August 2020
logo
Taiwan Semiconductor Co...
SMBJH TSC-SMBJH Datasheet
450Kb / 8P
600W, 5V - 170V Surface Mount Transient Voltage Suppressor
logo
UN Semiconducctor INC
TPSMBJ UNSEMI-TPSMBJ Datasheet
2Mb / 6P
11 To 170V 600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com