Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBJ Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # SMBJ
Description  600W, 5V - 170V Surface Mount Transient Voltage Suppressor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMBJ Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  SMBJ Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMBJ Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMBJ Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMBJ Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMBJ Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SMBJ Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd SMBJ Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd SMBJ Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SMBJ SERIES
Taiwan Semiconductor
5
Version:O1701
CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
Fig.1 Peak Pulse Power rating Curve
Fig.2 Pulse Derating Curve
Fig.3 Clamping Power Pulse Waveform
Fig.4 Maximum Non-Repetitive Forward Surge
Current
0.1
1
10
100
0.1
1
10
100
1000
10000
tp, PULSE WIDTH, (μs)
NON-REPETITIVE
PULSE WAVEFORM
SHOWN in FIG.3
0
25
50
75
100
125
0
25
50
75
100
125
150
175
200
T
A, AMBIENT TEMPERATURE (
°C)
10
100
1
10
100
NUMBER OF CYCLES AT 60 Hz
8.3ms Single Half Sine Wave
UNIDIRECTIONAL ONLY
0
20
40
60
80
100
120
140
0
0.5
1
1.5
2
2.5
3
t, TIME (ms)
td
Peak value
I
PPM
Rise time tr=10μs to 100%
Half value-I
PPM/2
Pulse width(td) is defined
as the point where the peak
current decays to 50% of I
PPM
10/1000μs, waveform



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com