Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5519ACPZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADL5519ACPZ-R7
Description  1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5519ACPZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADL5519ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
ADL5519
Rev. 0 | Page 29 of 40
If VLVL is connected to the OUTA pin, OUTB is forced to equal
OUTA through the feedback loop. This flexibility provides the
capability to measure one channel operating at a given power
level and frequency while forcing the other channel to a desired
power level at another frequency. The voltages applied to the
ADJA, ADJB pins should be selected carefully to minimize
temperature drift of the output voltage. The temperature drift is
the statistical sum of the drift from Channel A and Channel B.
As stated previously, VLVL can be used to force the slaved
channel to operate at a different power from the other channel.
If the two channels are forced to operate at different power levels,
some static offset occurs due to voltage drops across metal wiring
in the IC.
If an inversion is necessary in the feedback loop, OUTN can be
used as the integrator by placing a capacitor between OUTN,
OUTP. This changes the output equation for OUTB and OUTP to
OUTB = 2 × OUTA − VLVL
(21)
For VLVL < OUTA/2,
OUTN = 0 V
(22)
Otherwise,
OUTN = 2 × VLVL − OUTA
(23)
Equation 18 to Equation 23 are valid when Channel A is driven
and Channel B is slaved through a feedback loop. When Channel B
is driven and Channel A is slaved, these equations can be altered
by changing OUTB to OUTA and OUTN to OUTP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com