Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5519ACPZ-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADL5519ACPZ-R7
Description  1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5519ACPZ-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADL5519ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
ADL5519
Rev. 0 | Page 36 of 40
EVALUATION BOARD
CONFIGURATION OPTIONS
Table 5. Evaluation Board (Rev. A) Configuration Options
Component
Description
Default Conditions
VPOS, VPSB, VPSR,
GND, GND1, GND3
Supply and Ground Connections.
VPOS, VPSB, and VPSR are internally connected.
GND, GND1, and GND3 are internally connected.
Not applicable
R0A, R0B, R5, R6,
R30, R31, C1, C2,
C3, C4
Input Interface.
The 52.3 Ω resistors in the R30 and R31 positions combine with the ADL5519
internal input impedance to give a broadband input impedance of about 50 Ω.
C1, C2, C3, and C4 are dc-blocking capacitors. A reactive impedance match can
be implemented by replacing R5, R6, R30, and R31 with an inductor and by
replacing C1, R0A and C4, R0B with appropriately valued capacitors.
R30, R31 = 52.3 Ω (Size 0402),
C1 to C4 = 47 nF (Size 0402)
R0A, R0B = 0 Ω
R5, R6 = open
R14
Temperature Sensor Interface.
Temperature sensor output voltage is available at the test point labeled TEMP.
R14 can be used as a pull-down resistor.
R14 = open (Size 0603)
R13, R17, R18,
R19, R27, R28,
R29
Temperature Compensation Interface.
A voltage source at ADJA, ADJB can be used to optimize the temperature
performance for various input frequencies. The pads for R27/R28 or R27/R29 can
be used for voltage dividers from the VREF node to set the ADJA, ADJB voltages
at different frequencies. The individual log channels can be disabled by installing
0 Ω resistors at R18 and R19.
R13, R17, R18, R19, R28, R29 = open
(Size 0603)
R27 = 0 Ω (Size 0603)
R8, R12, R15, R16,
R20, R21, R22,
R23, C13, C14
Output Interface, Measurement Mode.
In measurement mode, a portion of the output voltage is fed back to VSTA, VSTB via
R8, R12. The magnitude of the slope of the OUTA, OUTB output voltage response
can be increased by reducing the portion of VOUTA, VOUTB that is fed back to VSTA,
VSTB. The slope can be decreased by implementing a voltage divider by using
R20 and R16 or R21 and R15. R20 and R21 can also be used as a back-terminating
resistor or as part of a single-pole, low-pass filter.
B
R8, R12, R20, R21 = 0 Ω (Size 0603)
R15, R16, R22, R23 = open (Size 0603)
C13, C14 = open (Size 0603)
R8, R12, R22, R23
Output Interface, Controller Mode.
In this mode, the 0 Ω resistors must be removed, leaving R8 and R12 open. In
controller mode, the ADL5519 can control the gain of an external component.
A setpoint voltage is applied to VSTA, VSTB, the value of which corresponds to
the desired RF input signal level applied to the corresponding ADL5519 RF input.
A sample of the RF output signal from this variable-gain component is selected,
typically via a directional coupler, and applied to ADL5519 RF input. The voltage
at OUTA, OUTB is applied to the gain control of the variable gain element. A control
voltage is applied to VSTA, VSTB. The magnitude of the control voltage can
optionally be attenuated via the voltage divider comprising R8, R12 and R22,
R23; or a capacitor can be installed in the R22, R23 position to form a low-pass
filter along with R8, R12.
R8, R12, R22, R23 = open (Size 0603)
R3, R4, R11, R24,
R25, R26, C7, C8,
C11, C12, C15, C16
Power Supply Decoupling.
The nominal supply decoupling consists of a 100 pF filter capacitor placed
physically close to the ADL5519 and a 0.1 μF capacitor placed nearer to each
power supply input pin.
R3, R4, R11, R24, R25, R26 = 0 Ω
(Size 0603)
C7, C8, C11 = 100 pF (Size 0603)
C12, C15, C16 = 0.1 μF (Size 0603)
R1, R2, R9, R10
Output Interface, Difference.
R9 and R10 can be replaced with a capacitor to form an integrator for constant
gain controller mode
R1, R2, R9, R10 = 0 Ω (Size 0603)
C9, C10
Filter Capacitor.
The low-pass corner frequency of the circuit that drives OUTA, OUTB can be
lowered by placing a capacitor between CLPA, CLPB and ground. Increasing this
capacitor increases the overall rise/fall time of the ADL5519 for pulsed input
signals. See the Output Filtering section for more details.
C9, C10 = 1000 pF (Size 0603)
R7, C6
VLVL Interface.
VREF can be used to drive VLVL through a voltage divider formed using R7 and C6.
R7 = open (Size 0603)
C6 = open (Size 0603)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com