Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5519ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADL5519ACPZ-R7
Description  1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5519ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADL5519ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
ADL5519
Rev. 0 | Page 24 of 40
DEVICE CALIBRATION
The measured transfer function of the ADL5519 at 2.2 GHz is
shown in Figure 60. The figure shows plots of both output voltage
vs. input power and calculated error vs. input power. As the input
power varies from −60 dBm to −5 dBm, the output voltage varies
from 1.7 V to about 0.5 V.
VOUT2
PIN1
PIN2
PIN (dBm)
VOUT1
–60
–50
–40
–30
–20
0
10
–10
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
Figure 60. Transfer Function at 2.2 GHz with Calibration Points
Because slope and intercept vary from device to device, board-
level calibration must be performed to achieve the highest
accuracy. The equation for output voltage can be written as
VOUT = Slope × (PIN − Intercept)
(6)
where:
Slope is the change in output voltage divided by the change in
input power, PIN, expressed in decibels (dB).
Intercept is the calculated power at which the output voltage
would be 0 V. Note that an output voltage of 0 V can never be
achieved.
In general, calibration is performed by applying two known
signal levels to the ADL5519 input and measuring the corre-
sponding output voltages. The calibration points are generally
chosen to be within the linear-in-dB operating range of the
device (see the Specifications section for more details).
Calculation of the slope and intercept is accomplished using the
following equations:
Slope = (VOUT1 − VOUT2)/(PIN1 − PIN2)
(7)
Intercept = PIN1 − (VOUT1/Slope)
(8)
Once slope and intercept are calculated, an equation can be
written that calculates the input power based on the output
voltage of the detector.
PIN (Unknown) = (VOUT1(MEASURED)/Slope) + Intercept
(9)
The log conformance error of the calculated power is given by
Error (dB) = (VOUT(MEASURED) − VOUT(IDEAL))/Slope
(10)
Figure 60 includes a plot of the error at 25°C, the temperature
at which the log amp is calibrated. Note that the error is not 0 dB
over the full dynamic range. This is because the log amp does
not perfectly follow the ideal VOUT vs. PIN equation, even within
its operating region. The error at the calibration points of −35
dBm and −11 dBm is equal to 0 dB, by definition.
Figure 60 also shows error plots for the output voltage at
−40°C and +85°C. These error plots are calculated using the
slope and intercept at 25°C. This is consistent with calibration
in a mass-production environment, where calibration over
temperature is not practical.
ADJUSTING ACCURACY THROUGH CHOICE OF
CALIBRATION POINTS
In some applications, very high accuracy is required at one
power level or over a reduced input range. For example, in a
wireless transmitter, the accuracy of the high power amplifier
(HPA) is most critical at or close to full power.
In applications like AGC control loops, good linearity and
temperature performance are necessary over a large input power
range. The temperature crossover point (the power level at which
there is no drift in performance from −40°C to −80°C) can be
shifted from high power levels to midpower levels using the
method shown in the Temperature Compensation Adjustment
section. This shift equalizes the temperature performance over
the complete power range. The linearity of the transfer function
can be equalized by changing the calibration points.
Figure 61 demonstrates this equalization by changing the cali-
bration points used in Figure 60 to −46 dBm and −22 dBm. This
adjustment of the calibration points changes the linearity to greater
than ±0.25 dB over a 50 dB dynamic range at the expense of a
slight decrease in linearity at power levels between −40 dBm
and −25 dBm.
Calibration points should be chosen to suit the application at hand.
In general, however, do not choose calibration points in the
nonlinear portion of the log amp transfer function (greater than
−10 dBm or less than −40 dBm, in this example).
VOUT2
PIN1
PIN2
VOUT1
–60
–50
–40
–30
–20
0
10
–10
PIN (dBm)
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
Figure 61. Dynamic Range Extension by Choosing Calibration Points That
Are Close to the End of the Linear Range, 2.14 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com