Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5519ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5519ACPZ-R7
Description  1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5519ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5519ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
ADL5519
Rev. 0 | Page 10 of 40
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
NC = NO CONNECT
1
COMR
2
COMR
3
VPSB
4
ADJB
5
VREF
6
VLVL
7
CLPB
8
VSTB
24 COMR
ADL5519
23 COMR
22 VPSA
21 ADJA
20 VPSR
19 TEMP
18 CLPA
17 VSTA
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
COMR
Connect via low impedance to common.
2
COMR
Connect via low impedance to common.
3
VPSB
Positive Supply for Channel B. Apply 3.3 V to 5.5 V supply voltage.
4
ADJB
Dual-Function Pin: Temperature Adjust Pin for Channel B and Power-Down Interface for OUTB.
5
VREF
Voltage Reference (1.15 V).
6
VLVL
DC Common-Mode Adjust for Difference Output.
7
CLPB
Loop Filter Pin for Channel B.
8
VSTB
Setpoint Control Input for Channel B.
9
NC
No Connect.
10
OUTB
Output Voltage for Channel B.
11
FBKB
Difference Op Amp Feedback Pin for OUTN Op Amp.
12
OUTN
Difference Output (OUTB − OUTA + VLVL).
13
OUTP
Difference Output (OUTA − OUTB + VLVL).
14
FBKA
Difference Op Amp Feedback Pin for OUTP Op Amp.
15
OUTA
Output Voltage for Channel A.
16
NC
No Connect.
17
VSTA
Setpoint Control Input for Channel A.
18
CLPA
Loop Filter Pin for Channel A.
19
TEMP
Temperature Sensor Output (1.3 V with 4.5 mV/°C Slope).
20
VPSR
Positive Supply for Difference Outputs and Temperature Sensor. Apply 3.3 V to 5.5 V supply voltage.
21
ADJA
Dual-Function Pin: Temperature Adjust Pin for Channel A and Power-Down Interface for OUTA.
22
VPSA
Positive Supply for Channel A. Apply 3.3 V to 5.5 V supply voltage.
23
COMR
Connect via low impedance to common.
24
COMR
Connect via low impedance to common.
25
INHA
AC-Coupled RF Input for Channel A.
26
INLA
AC-Coupled RF Common for Channel A.
27
COMR
Connect via low impedance to common.
28
PWDN
Power-Down for Difference Output and Temperature Sensor.
29
COMR
Connect via low impedance to common.
30
COMR
Connect via low impedance to common.
31
INLB
AC-Coupled RF Common for Channel B.
32
INHB
AC-Coupled RF Input for Channel B.
Paddle
Internally connected to COMR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com