Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8003TBC-R1 Datasheet(PDF) 3 Page - Wuxi Chipown Micro-electronics limited

Part # AP8003TBC-R1
Description  Fixed 5V output non-isolated AC/DC converter chip
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

AP8003TBC-R1 Datasheet(HTML) 3 Page - Wuxi Chipown Micro-electronics limited

  AP8003TBC-R1 Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited AP8003TBC-R1 Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited AP8003TBC-R1 Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited AP8003TBC-R1 Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited AP8003TBC-R1 Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited AP8003TBC-R1 Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited AP8003TBC-R1 Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited AP8003TBC-R1 Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited AP8003TBC-R1 Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AP8003
Chipown
www.chipown.com
© 2018 无锡芯朋微电子股份有限公司
Rev.1805
2018 年 5 月
3 / 10
极限工作范围
VDD 脚耐压……………….……………………-0.3~10V
SW 脚耐压……………………….…….…..…. -0.3~500V
结工作温度范围
……….…..….…..…...….….-40~150℃
存储温度范围
……………………….….…. ….-55~150℃
管脚焊接温度(
10秒)……………..……………...260℃
封装热阻
RθJC (SOT23-5L)…..........…………….80℃/W
封装热阻
RθJC(TO-92)…..........………...……….83℃/W
人体模式
ESD 能力(1)(HBM)……..…...….……...
±2kV
漏极脉冲电流(
Tpulse=100us)………….…….…..…..…1A
备注:
1. 产品委托第三方严格按照芯片级ESD标准(ESDA/JEDEC JDS-001-2014)中的测试方式和流程进行测试。
电气特性
(TA = 25°C, VDD=5V, 除非另有说明)
参数
符号
条件
最小值
典型值
最大值
单位
功率部分
功率管耐压
BVDSS
ISW =250uA
500
570
V
关态漏电流
IOFF
Vsw =500V
10
μA
导通电阻
RDS(on)
ISW = 300mA, T
J
=25°C
25
Ω
VDD电压部分
VDD启动阈值电压
VDDon
4.9
5.2
5.5
V
VDD欠压保护阈值电压
VDDoff
3.9
4.2
4.5
V
VDD回差
VDDhys
1
V
VDD钳位保护电压
VDDclamp
6.3
6.7
V
VDD反馈基准电压
VDD-REF
5.2
5.4
5.65
V
VDD电流部分
启动管充电电流
IDDch
VDD=4V
2
mA
静态电流
IDD0
VDD=4V
400
uA
工作电流
IDD1
fs=40KHz
1.7
mA
内部电流检测
尖峰电流限流值
Ilimit
300
335
370
mA
过流检测前沿消隐时间
TLEB
300
ns
反馈输入
最小关断时间
Toffmin
21
26
31
us
最大开启时间
Tonmax
9
us
过温保护
过温保护温度
TSD
135
150
°C
过温保护回差
THYST
50
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com