Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8003TBC-R1 Datasheet(PDF) 7 Page - Wuxi Chipown Micro-electronics limited

Part # AP8003TBC-R1
Description  Fixed 5V output non-isolated AC/DC converter chip
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

AP8003TBC-R1 Datasheet(HTML) 7 Page - Wuxi Chipown Micro-electronics limited

Back Button AP8003TBC-R1 Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited AP8003TBC-R1 Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited AP8003TBC-R1 Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited AP8003TBC-R1 Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited AP8003TBC-R1 Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited AP8003TBC-R1 Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited AP8003TBC-R1 Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited AP8003TBC-R1 Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited AP8003TBC-R1 Datasheet HTML 10Page - Wuxi Chipown Micro-electronics limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AP8003
Chipown
www.chipown.com
© 2018 无锡芯朋微电子股份有限公司
Rev.1805
2018 年 5 月
7 / 10
封装信息
SOT23-5L 封装外形及尺寸
尺寸
符号
最小(mm)
最大(mm)
尺寸
符号
最小(mm)
最大(mm)
A
1.050
1.250
E1
2.650
2.950
A1
0.000
0.100
e
0.950(BSC)
A2
1.050
1.150
e1
1.800
2.000
b
0.300
0.500
L
0.300
0.600
c
0.100
0.200
Θ
0º
8º
D
2.850
3.050
E
1.500
1.700
备注:
XXX 为内部代码
备注
:
1. 此制图可以不经通知进行调整;
2. 器件本体尺寸不含模具飞边;
表层丝印
封装
8AXXX
SOT23-5L



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com