Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8003TBC-R1 Datasheet(PDF) 1 Page - Wuxi Chipown Micro-electronics limited

Part # AP8003TBC-R1
Description  Fixed 5V output non-isolated AC/DC converter chip
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

AP8003TBC-R1 Datasheet(HTML) 1 Page - Wuxi Chipown Micro-electronics limited

  AP8003TBC-R1 Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited AP8003TBC-R1 Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited AP8003TBC-R1 Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited AP8003TBC-R1 Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited AP8003TBC-R1 Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited AP8003TBC-R1 Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited AP8003TBC-R1 Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited AP8003TBC-R1 Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited AP8003TBC-R1 Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AP8003
Chipown
www.chipown.com
© 2018 无锡芯朋微电子股份有限公司
Rev.1805
2018 年 5 月
1 / 10
固定5V输出非隔离交直流转换芯片
概述
AP8003集成PFM控制器及500V高可靠性MOSFET,用于外围元器件极精简的小功率非隔离开关电源。AP8003内置
500V高压启动,实现系统快速启动、超低待机功能。该芯片提供了完整的智能化保护功能,包括过载保护,欠压保护,
过温保护。另外
AP8003具有优异的EMI特性。
产品特征
■
内置
500V高可靠性MOSFET
■
内置高压启动
■
适用于
Buck、Buck-Boost、Flyback等多种架构
■
输出电压固定为
5V
■
半封闭式稳态输出电流能力
150mA @230VAC
■
改善
EMI的降频调制技术
■
优异的负载调整率和工作效率
■
全面的保护功能
过载保护(
OLP)
过温保护(
OTP)
欠压保护(
UVLO)
应用领域
■
非隔离辅助电源
■
家电
■
智能家居
封装/订购信息
订购代码
封装
AP8003TBC-R1
SOT23-5L
AP8003ZAC-T1
TO-92
典型应用
AC
85~265V
DC
`
GND
COMP
HV Start
Block
Gate
Driver
SUPPLY
&UVLO
VDD
SW
AP8003
OUTPUT
+
-
PWM
Block
OTP
+
-
GND


Similar Part No. - AP8003TBC-R1

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AP8010 AITSEMI-AP8010 Datasheet
370Kb / 13P
AC-DC PWM CONTROLLER PRIMARY SWITCHING REGULATORS
REV1.0
AP8010E5R AITSEMI-AP8010E5R Datasheet
370Kb / 13P
AC-DC PWM CONTROLLER PRIMARY SWITCHING REGULATORS
REV1.0
AP8010E5VR AITSEMI-AP8010E5VR Datasheet
370Kb / 13P
AC-DC PWM CONTROLLER PRIMARY SWITCHING REGULATORS
REV1.0
AP8012 AITSEMI-AP8012 Datasheet
629Kb / 11P
LOW STANDBY-POWER OFF-LINE PWM CONVERTERS
REV2.2
AP8012 AITSEMI-AP8012 Datasheet
621Kb / 13P
PWM CONTROLLER CC/CV PRIMARY‐SIDE POWER SWITCH
REV1.0 - SEP 2020
More results

Similar Description - AP8003TBC-R1

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5075-12 ROHM-BP5075-12 Datasheet
541Kb / 3P
Non-isolated AC / DC Converter
BP5034D24 ROHM-BP5034D24_10 Datasheet
1Mb / 4P
Non-Isolated AC/DC Converter
BP5037B15 ROHM-BP5037B15_10 Datasheet
1Mb / 4P
Non-Isolated AC/DC Converter
BP5038A1 ROHM-BP5038A1_10 Datasheet
1Mb / 4P
Non-Isolated AC/DC Converter
BP5045A5 ROHM-BP5045A5_10 Datasheet
1Mb / 4P
Non-Isolated AC/DC Converter
BP5048-15 ROHM-BP5048-15_10 Datasheet
1Mb / 4P
Non-Isolated AC/DC Converter
BP5062A5 ROHM-BP5062A5_10 Datasheet
1,023Kb / 4P
Non-Isolated AC/DC Converter
BP5068A ROHM-BP5068A_10 Datasheet
1Mb / 4P
Non-Isolated AC/DC Converter
BP5075-5 ROHM-BP5075-5_10 Datasheet
1,023Kb / 4P
Non-Isolated AC/DC Converter
BP5081B15 ROHM-BP5081B15_10 Datasheet
1Mb / 4P
Non-Isolated Dual-Output AC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com