Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLB12F0000/AA Datasheet(PDF) 2 Page - Positronic.

Part # PLB12F0000/AA
Description  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB12F0000/AA Datasheet(HTML) 2 Page - Positronic.

  PLB12F0000/AA Datasheet HTML 1Page - Positronic. PLB12F0000/AA Datasheet HTML 2Page - Positronic. PLB12F0000/AA Datasheet HTML 3Page - Positronic. PLB12F0000/AA Datasheet HTML 4Page - Positronic. PLB12F0000/AA Datasheet HTML 5Page - Positronic. PLB12F0000/AA Datasheet HTML 6Page - Positronic. PLB12F0000/AA Datasheet HTML 7Page - Positronic. PLB12F0000/AA Datasheet HTML 8Page - Positronic. PLB12F0000/AA Datasheet HTML 9Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 72 page
background image
Experience
• Founded in 1966
• Involvement in the development of international connector
specifications through EIA®, IEC and ISO as well as PICMG®.
• Introduction of new and unique connector products to the electronics industry.
• Patent holder for many unique connector features and manufacturing techniques.
• Vertically integrated manufacturing – raw materials to finished connectors.
Technology
• Expertise with solid machined contacts provides a variety of high reliability
connectors including high current density power connectors.
• Quality Assurance lab is capable of testing to IEC, EIA, UL, CUL, military
and customer-specified requirements.
• In-house design and development of connectors based on market need or
individual customer requirements.
• Internal manufacturing capabilities include automatic precision contact machining,
injection molding, stamping, plating operations and connector assembly.
• Manufacturing locations in southwest Missouri, U.S.A. (headquarters);
Puerto Rico, France, China, Singapore, and India. Total square footage: 407,441.
Support
• Quality Systems: Select locations qualified to ISO 9001, ISO 14001,
AS9100, MIL-STD-790 and customer “dock to stock” programs. Applicable
products qualified to MIL-DTL-24308, AS39029, DSCC 85039,
MIL-DTL-28748, Space D32, GSFC S-311-P-4 and GSFC S-311-P-10.
• Compliance to a variety of international and customer specific
environmental requirements.
• Large in-house inventory of finished connectors. Customer
specific stocking programs.
• Factory direct technical sales support in major cities worldwide.
• One-on-one customer support from worldwide factory locations.
• World class web site.
• Value-added solutions and willingness to develop custom products with reasonable price and delivery.
Positronic Industries’
FEDERAL SUPPLY CODE (Cage Code)
FOR MANUFACTURERS is
28198
Positronic Provides
Complete Capability
Mission Statement
“To utilize product �lexibility and application
assistance to present quality interconnect
solutions
which represent value to customers
worldwide.”
Products described within this catalog may be
protected by one or more of the following US patents:
#4,900,261† #5,255,580 #5,329,697 #6,260,268
#6,835,079 #7,115,002 #8,944,697 #9,304,263
†
Patented in Canada, 1992
Other Patents Pending
Regional Headquarters
Spring�ield, MO
Auch, France
Singapore
POSITRONIC® IS AN ITAR REGISTERED COMPANY
Information in this catalog is proprietary to Positronic and its subsidiaries. Positronic believes the data contained herein to be reliable. Since the technical information is given free of charge, the user
employs such information at his own discretion and risk. Positronic Industries assumes no responsibility for results obtained or damages incurred from use of such information in whole or in part.
The following trademarks are owned by Positronic Industries, Inc.: Positronic Industries, Inc.®, Positronic®, Connector Excellence®, P+ logo®, PosiBand®, PosiShop®, Optik-D™, and The
Science of Certainty®. The color blue as it appears on various connectors is a trademark of Positronic Industries, Inc., Registered in U.S. Patent and Trademark Office.
Unless otherwise speci ed, dimensional tolerances are:
1)
±0.001 inches [0.03 mm] for male contact mating diameters.
2)
±0.003 inches [0.08 mm] for contact termination diameters.
3)
±0.005 inches [0.13 mm] for all other diameters.
4)
±0.015 inches [0.38 mm] for all other dimensions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com