Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLB12F0000/AA Datasheet(PDF) 32 Page - Positronic.

Part # PLB12F0000/AA
Description  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB12F0000/AA Datasheet(HTML) 32 Page - Positronic.

Back Button PLB12F0000/AA Datasheet HTML 28Page - Positronic. PLB12F0000/AA Datasheet HTML 29Page - Positronic. PLB12F0000/AA Datasheet HTML 30Page - Positronic. PLB12F0000/AA Datasheet HTML 31Page - Positronic. PLB12F0000/AA Datasheet HTML 32Page - Positronic. PLB12F0000/AA Datasheet HTML 33Page - Positronic. PLB12F0000/AA Datasheet HTML 34Page - Positronic. PLB12F0000/AA Datasheet HTML 35Page - Positronic. PLB12F0000/AA Datasheet HTML 36Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
Power
Connection
Systems
Positronic
connectpositronic.com
26
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
STEP 5 - MOUNTING STYLE
0
- None,
B
- Metal Right Angle (90°) Mounting Bracket.
BN
- Metal Right Angle (90°) Mounting Bracket with Push-on Fastener.
B3
- Plastic Right Angle (90°) Mounting Bracket with Cross Bar.
B3N - Plastic Right Angle (90°) Mounting Bracket with Cross Bar and
Push-on Fastener.
N
- Push-On Fastener For Straight Printed Board Mount Connectors
*3
ST2 - Self-tapping steel screws 2-28 x 0.250±0.030 [6.35±0.76] length for
0.093 [2.36] thick board.
*3
ST3 - Self-tapping steel screws 2-28 x 0.312±0.030 [7.92±0.76] length for
0.125 [3.18] thick board.
*3
ST4 - Self-tapping steel screws 2-28 x 0.375±0.030 [9.53±0.76] length for
0.175 [4.45] thick board.
*3
SS2 - Self-tapping stainless steel screws 2-28 x 0.250±0.030 [6.35±0.76]
length for 0.093 [2.36] thick board.
*3
SS3 - Self-tapping stainless steel screws 2-28 x 0.312±0.030 [7.92±0.76]
length for 0.125 [3.18] thick board.
*3
SS4 - Self-tapping stainless steel screws 2-28 x 0.375±0.030 [9.53±0.76]
length for 0.175 [4.45] thick board.
STEP 3 - CONNECTOR GENDER
M - Male
F - Female
1
2
3
4
5
6
7
8
PLB
06
F
3
0
0
A1
/AA
9
ORDERING INFORMATION - CODE NUMBERING SYSTEM
Specify Complete Connector By Selecting An Option From Step 1 Through 7
STEP 1 - BASIC SERIES
PLA - 1 Row
PLAH - 1 Row High conductivity contacts
PLB - 2 Row
PLBH - 2 Row High conductivity contacts
PLC - 3 Row
PLCH - 3 Row High conductivity contacts
STEP 6 - HOODS AND PANEL MOUNT
0
- None.
5
- Top Opening Hood.
6
- Panel Mount, quick release.
81 - Panel Mount, fixed for 0.040 [1.02] thick panel.
82 - Panel Mount, fixed for 0.060 [1.52] thick panel.
83 - Panel Mount, fixed for 0.090 [2.29] thick panel.
11 - Blind Mating System for 0.040 [1.02] thick panel.
12 - Blind Mating System for 0.060 [1.52] thick panel.
13 - Blind Mating System for 0.090 [2.29] thick panel.
14 - Blind Mating System for 0.120 [3.05] thick panel.
STEP 4 - CONTACT TERMINATION TYPE
*1
0 - Order contacts separately for cable connectors for
connection systems 5, 6, 7, 8 and 9, see pages 47-53.
*1
1 - Removable contact, panel mounted connector for connection
system 8. Order contacts separately, see pages 47-53.
2 - Solder cup, 18 AWG [1.0mm2] max. for panel mount connector,
for connection system 8. Not available as PL*H.
3 - Solder, Straight Printed Board Mount with 0.146 [3.71] tail
extension for connection systems 1, 4 and 6.
32
- Solder, Straight Printed Board Mount with 0.377 [9.58] tail
extension for connection system 3 and systems 1, 4 and 6.
4 - Solder, Right Angle (90°) Printed Board Mount with 0.146 [3.71]
tail extension for connection systems 1, 2 and 5.
42 - Solder, Right Angle (90°) Printed Board Mount with 0.377 [9.58]
tail extension for connection system 3 and systems 1,2 and 5.
62 - Press-in, compliant termination Right Angle (90°) Printed Board
Mount, termination length 0.183 [4.65]. Must select “B3” in step 5.
63 - Press-in, compliant termination Right angle (90°) Printed Board
Mount, termination length 0.219 [5.56]. Must select “B3” in step 5.
*1
7 - Order contacts separately for cable connectors for connection
systems 5, 6, 7, 8 and 9, see pages 47-53. Terminating side of
insulator has 0.165 [4.19] ø c’bore for large wire sizes.
*1
8 - Removable contact, panel mounted connector for connection
system 8. Order contacts separately, see pages 47-53.
Terminating side of insulator has 0.165 [4.19] ø c’bore for large
wire sizes.
92 - Straight printed board mount, press-in, length 0.183 [4.65] for
0.093 inch [2.36] thick board.
93 - Straight printed board mount, press-in, length 0.218 [5.54] for
0.125 inch [3.18] thick board.
STEP 2 - CONNECTOR VARIANTS
1 Row - 03, 04, 06, 08
2 Row - 06, 08, 12, 16, *220
3 Row - 09, 12, 18, 24, 30
STEP
EXAMPLE
STEP 8 - ENVIRONMENTAL
COMPLIANCE
OPTIONS
/AA - RoHS Compliant
STEP 7 - CONTACT PLATING FOR PRINTED
BOARD CONNECTORS
0
- Crimp Contacts ordered separately, see pages 47-53.
A1 - Gold flash over nickel on mating end and termination end.
A2 - Gold flash over nickel on mating end and 0.00020 inch
[5.00µ] tin-lead solder coat on termination end. Not
available with code 62, 63, 92 or 93 in step 4.
C1 - 0.000030 inch [0.76µ] gold over nickel on mating end and
termination end.
C2 - 0.000030 inch [0.76µ] gold over nickel on mating end and
0.00020 inch [5.00µ] tin-lead solder coated termination
end. Not available with code 62, 63, 92 or 93 in step 4.
D1 - 0.000050 inch [1.27µ] gold over nickel on mating end and
termination end.
D2 - 0.000050 inch [1.27µ] gold over nickel on mating end and
0.00020 inch [5.00µ] tin-lead solder coated termination
end. Not available with code 62, 63, 92 or 93 in step 4.
*1 For high conductivity removable contact connectors, order PLA, PLB, or
PLC connectors (in Step 1) and *C112N(2)S contacts found on pages 49-51.
*2 PLB20 variant available with code 2, 3, 32, 4, 42, 92, and 93 only in Step 4.
*3 Mounting screws are available with code 1, 2, 3, 32, 8, 92 and 93. To order
mounting screws separately, see page 59 for part numbers.
NOTE: If compliance to environmental legislation
is not required, this step will not be used.
Example: PLB06F300A1
NOTE: Once you have made a connector selection, contact
Technical Sales if you would like to receive a drawing in DXF,
PDF format or a 3-D IGES, STEP, or SOLIDWORKS file.
2-D Drawing
3-D Model
PCS SERIES CONNECTOR
ORDERING INFORMATION
STEP 9 -
SPECIAL OPTIONS
Sequential Mating Systems
refer to page 25.
CONTACT TECHNICAL SALES
FOR SPECIAL OPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com