Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLB12F0000/AA Datasheet(PDF) 13 Page - Positronic.

Part # PLB12F0000/AA
Description  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB12F0000/AA Datasheet(HTML) 13 Page - Positronic.

Back Button PLB12F0000/AA Datasheet HTML 9Page - Positronic. PLB12F0000/AA Datasheet HTML 10Page - Positronic. PLB12F0000/AA Datasheet HTML 11Page - Positronic. PLB12F0000/AA Datasheet HTML 12Page - Positronic. PLB12F0000/AA Datasheet HTML 13Page - Positronic. PLB12F0000/AA Datasheet HTML 14Page - Positronic. PLB12F0000/AA Datasheet HTML 15Page - Positronic. PLB12F0000/AA Datasheet HTML 16Page - Positronic. PLB12F0000/AA Datasheet HTML 17Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
Power
Connection
Systems
Positronic
connectpositronic.com
7
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
CUSTOMER SPECIFIED
ARRANGEMENTS
The design of Power Connection Systems Series connectors allows for the development of application specific
contact arrangements in a timely manner and at a reasonable price. Thirteen connector housing sizes exist that may
accommodate size 20, size 16, size 12, or size 8 contacts (see the Power Connection Systems catalog for connector
housing dimensions). After reviewing the dimensions and the following basic information, contact Technical Sales
with your current, voltage, and safety requirements. We look forward to working with you to develop a connector
for your specific needs.
Contact sizes and termination types may be
mixed within a single connector.
Four Contact Sizes to Choose From
Many Termination Types Can Be Supplied
Straight Solder or Press-in
Right Angle (90°) Solder
Crimp Removable
Removable Solder Cup
Popular Options
Sequential Mating
Selective Loading
Ø0.142 [3.61]
Ø0.094 [2.39]
Ø0.0625 [1.588]
Ø0.040 [1.00]
0.408
[10.36]
A±0.020 [0.51]
A±0.020 [0.51]
A±0.020 [0.51]
A±0.020 [0.51]
A±0.020 [0.51]
A±0.020 [0.51]
0.606
[15.39]
0.408
[10.36]
0.606
[15.39]
0.802
[20.37]
0.802
[20.37]
BASIC CONNECTOR DIMENSIONS
Male Connector Dimensions
PART NUMBER
A
PLA03**00A1
PLAH03**00A1
1.126
[28.60]
PLA04**00A1
PLAH04**00A1
1.324
[33.63]
PLA06**00A1
PLAH06**00A1
1.718
[43.64]
PLA08**00A1
PLAH08**00A1
2.112
[53.64]
Female Connector Dimensions
PART NUMBER
A
PLB06**00A1
PLBH06**00A1
1.126
[28.60]
PLB08**00A1
PLBH08**00A1
1.324
[33.63]
PLB12**00A1
PLBH12**00A1
1.718
[43.64]
PLB16**00A1
PLBH16**00A1
2.112
[53.64]
PLB20**00A1
PLBH20**00A1
2.506
[63.65]
PART NUMBER
A
PLC09**00A1
PLCH09**00A1
1.126
[28.60]
PLC12**00A1
PLCH12**00A1
1.324
[33.63]
PLC18**00A1
PLCH18**00A1
1.718
[43.64]
PLC24**00A1
PLCH24**00A1
2.112
[53.64]
PLC30**00A1
PLCH30**00A1
2.506
[63.65]
Size 8 contact
Size 12 contact
Size 16 contact
Size 20 contact



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com