Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLB12F0000/AA Datasheet(PDF) 45 Page - Positronic.

Part # PLB12F0000/AA
Description  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB12F0000/AA Datasheet(HTML) 45 Page - Positronic.

Back Button PLB12F0000/AA Datasheet HTML 41Page - Positronic. PLB12F0000/AA Datasheet HTML 42Page - Positronic. PLB12F0000/AA Datasheet HTML 43Page - Positronic. PLB12F0000/AA Datasheet HTML 44Page - Positronic. PLB12F0000/AA Datasheet HTML 45Page - Positronic. PLB12F0000/AA Datasheet HTML 46Page - Positronic. PLB12F0000/AA Datasheet HTML 47Page - Positronic. PLB12F0000/AA Datasheet HTML 48Page - Positronic. PLB12F0000/AA Datasheet HTML 49Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 72 page
background image
MATERIALS AND FINISHES:
Insulator:
Glass-filled polyester, UL 94V-0.
Contact technical sales for availability
of high temperature insulator material.
Contacts:
Precision machined copper alloy with
gold flash over nickel, or 0.000030
inch [0.76µ] gold over nickel, or
0.000050 [1.27µ] gold over nickel.
Solder coated terminations optional.
Mounting Clip:
Beryllium copper with tin plate.
Hood:
Glass filled polyester, UL 94V-0.
Mounting Bracket:
Brass with tin plate.
Push-on Fastener:
Spring tempered copper alloy, tin
plate
ELECTRICAL CHARACTERISTICS:
SIGNAL CONTACTS
Contact Current Rating:
7.5 amperes nominal.
Initial Contact Resistance:
0.007 ohms max. per IEC 60512-2,
test 2b
POWER CONTACTS
Contact Current Rating:
See temperature rise curves on page
40. For additional information see
pages 47-53.
Initial Contact Resistance:
Standard Conductivity:
0.0005 ohms max. per IEC 60512-2,
test 2b.
High Conductivity:
0.0003 ohms max. per IEC 60512-2,
test 2b.
SHIELDED CONTACTS
Initial Contact Resistance:
0.008 ohms maximum.
Nominal Impedance:
50 ohms.
Insertion Loss:
-0.46 dB at 1 GHz
-1.5 dB at 2 GHz
VSWR:
1.15 average at 1 GHz
1.56 average at 2 GHz
Above values measured using frequency domain techniques.
Proof Voltage:
1000 V r.m.s.
ELECTRICAL CHARACTERISTICS, CONTINUED:
HIGH VOLTAGE CONTACTS
Flash over Voltage:
3600 V r.m.s.
Proof Voltage:
2700 V r.m.s.
Initial Contact Resistance:
0.008 ohms maximum.
CONNECTOR
Insulation Resistance:
5 G ohms per IEC 60512-2, test 3a,
method A.
Working Voltage:
600 V rms.
Voltage Proof:
2200 V rms per IEC 60512-2, test 4a,
method C.
Clearance and
Creepage Distance:
0.080 inch [2.03 mm]
Working Temperature:
-55°C to +125°C.
MECHANICAL CHARACTERISTICS:
SIGNAL CONTACTS
Removable:
Insert contact to rear face of insulator,
release from front face of insulator.
Size 20 contacts, 0.040 inch [1.02 mm]
diameter male contacts, closed entry
design female contacts.
Fixed:
Straight solder, right angle (90°) solder
and straight compliant press-in printed
board mount terminations. Size 20
contacts, 0.040 inch [1.02 mm] diameter
male contacts, open entry design female
contacts.
TECHNICAL CHARACTERISTICS
. . . continued on next page
Power
Connection
Systems
Positronic
connectpositronic.com
39
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
PCS MIXED DENSITY
POWER CONNECTORS
PCS SERIES POWER CONNECTORS
WITH MIXED DENSITY CONTACTS
* Mixed density contacts
• Power contacts have a resistance
as low as 0.0003 ohms and
carry up to 85 amperes per UL 1977
• Available with two power
contacts and eight signal; or four
power contacts and twelve signal
• Solder, press-in or cable terminations
• Integral locking on cable connectors
CUL Recognized
File # E49351



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com