Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2317PCBA Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2317PCBA
Description  LINEAR CATV AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2317PCBA Datasheet(HTML) 2 Page - RF Micro Devices

  RF2317PCBA Datasheet HTML 1Page - RF Micro Devices RF2317PCBA Datasheet HTML 2Page - RF Micro Devices RF2317PCBA Datasheet HTML 3Page - RF Micro Devices RF2317PCBA Datasheet HTML 4Page - RF Micro Devices RF2317PCBA Datasheet HTML 5Page - RF Micro Devices RF2317PCBA Datasheet HTML 6Page - RF Micro Devices RF2317PCBA Datasheet HTML 7Page - RF Micro Devices RF2317PCBA Datasheet HTML 8Page - RF Micro Devices RF2317PCBA Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2 of 12
RF2317
Rev A19 DS050822
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Device Current
250
mA
Input RF Power
+18
dBm
Output Load VSWR
20:1
Ambient Operating Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall (50
Ω)
T=+25°C , ICC=180mA, RC=10.2Ω,
50
Ω System
Frequency Range
DC
3000
MHz
3dB Bandwidth
Gain
13.5
14.3
15.0
dB
Noise Figure
4.9
dB
From 100MHz to 1000MHz
Input VSWR
1.7:1
Appropriate values for the DC blocking capaci-
tors and bias inductor are required to maintain
this VSWR at the intended operating frequency
range.
Output VSWR
2.3:1
Appropriate values for the DC blocking capaci-
tors and bias inductor are required to maintain
this VSWR at the intended operating frequency
range.
Output IP3
+47
dBm
At 100MHz
+37
+42
dBm
At 500MHz
+37
dBm
At 900MHz
Output IP2
+55
dBm
F1=400MHz, F2=500MHz, FOUT=100MHz
Output P1dB
+25.5
dBm
At 100MHz
+24
dBm
At 500MHz
+22
dBm
At 900MHz
Reverse Isolation
19.5
dB
Thermal
ThetaJC
55
°C/W
ICC=150mA, PDISS =1.2W, TAMB=85°C
Maximum Junction Temperature
150
°C
Mean Time To Failures
3100
years
TAMB=+85°C
ThetaJC
58
°C/W
ICC=180mA, PDISS =1.5W, TAMB=85°C
Maximum Junction Temperature
175
°C
Mean Time To Failures
380
years
TAMB=+85°C
Power Supply (50
Ω)
Device Voltage
8.5
V
On pin 13, ICC=150mA
9.3
V
On pin 13, ICC=180mA
Operating Current Range
100
180
200
mA
Actual current determined by VCC and RC
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com