Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2317PCBA Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2317PCBA
Description  LINEAR CATV AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2317PCBA Datasheet(HTML) 3 Page - RF Micro Devices

  RF2317PCBA Datasheet HTML 1Page - RF Micro Devices RF2317PCBA Datasheet HTML 2Page - RF Micro Devices RF2317PCBA Datasheet HTML 3Page - RF Micro Devices RF2317PCBA Datasheet HTML 4Page - RF Micro Devices RF2317PCBA Datasheet HTML 5Page - RF Micro Devices RF2317PCBA Datasheet HTML 6Page - RF Micro Devices RF2317PCBA Datasheet HTML 7Page - RF Micro Devices RF2317PCBA Datasheet HTML 8Page - RF Micro Devices RF2317PCBA Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3 of 12
RF2317
Rev A19 DS050822
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall (75
Ω)
T=25°C, ICC=180mA, RC=14.3Ω,
75
Ω System
Frequency Range
DC
3000
MHz
3dB Bandwidth
Gain
15.0
dB
Noise Figure
4.8
dB
From 100MHz to 1000MHz
Input VSWR
1.3:1
Appropriate values for the DC blocking capaci-
tors and bias inductor are required to maintain
this VSWR at the intended operating frequency
range.
Output VSWR
1.8:1
Appropriate values for the DC blocking capaci-
tors and bias inductor are required to maintain
this VSWR at the intended operating frequency
range.
Output IP3
+49
dBm
At 100MHz
+37
+43
dBm
At 500MHz
+38
dBm
At 900MHz
Output IP2
+58
dBm
F1=400MHz, F2=500MHz, FOUT=100MHz
Output P1dB
+22
dBm
At 100MHz
+22
dBm
At 500MHz
+21
dBm
At 900MHz
Reverse Isolation
19
dB
133 Channels
10dBmV per channel, flat, at the input of the
amplifier; ICC=150mA, VCC=10.4V
XMOD
<-75
dBc
At 55.25MHz
<-75
dBc
At 331.25MHz
<-75
dBc
At 547.25MHz
<-75
dBc
At 853.25MHz
CTB
-85
dBc
At 55.25MHz
-85
dBc
At 331.25MHz
-84
dBc
At 547.25MHz
-83
dBc
At 853.25MHz
CSO+1.25MHz
-90
dBc
At 55.25MHz
-72
dBc
At 331.25MHz
-69
dBc
At 853.25MHz
-64
dBc
At 547.25MHz
CSO-1.25MHz
-63
dBc
At 55.25MHz
-65
dBc
At 331.25MHz
-70
dBc
At 547.25MHz
-90
dBc
At 853.25MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com