Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2317PCBA Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2317PCBA
Description  LINEAR CATV AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2317PCBA Datasheet(HTML) 5 Page - RF Micro Devices

  RF2317PCBA Datasheet HTML 1Page - RF Micro Devices RF2317PCBA Datasheet HTML 2Page - RF Micro Devices RF2317PCBA Datasheet HTML 3Page - RF Micro Devices RF2317PCBA Datasheet HTML 4Page - RF Micro Devices RF2317PCBA Datasheet HTML 5Page - RF Micro Devices RF2317PCBA Datasheet HTML 6Page - RF Micro Devices RF2317PCBA Datasheet HTML 7Page - RF Micro Devices RF2317PCBA Datasheet HTML 8Page - RF Micro Devices RF2317PCBA Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5 of 12
RF2317
Rev A19 DS050822
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
Pin
Function
Description
Interface Schematic
1NC
This pin is internally not connected.
2GND
Ground connection. Keep traces physically short and connect immediately
to ground plane for best performance. Each ground pin should have a via
to the ground plane.
3GND
Same as pin 2.
4RF IN
RF input pin. This pin is NOT internally DC blocked. A DC blocking capacitor,
suitable for the frequency of operation, should be used in most applica-
tions. DC coupling of the input is not allowed, because this will override the
internal feedback loop and cause temperature instability.
5NC
This pin is internally not connected.
6GND
Same as pin 2.
7GND
Same as pin 2.
8NC
This pin is internally not connected.
9NC
This pin is internally not connected.
10
GND
Same as pin 2.
11
GND
Same as pin 2.
12
NC
This pin is internally not connected.
13
RF OUT
RF output and bias pin. Because DC is present on this pin, a DC blocking
capacitor, suitable for the frequency of operation, should be used in most
applications. For biasing, an RF choke in series with a resistor is needed.
The DC voltage on this pin is typically 8.3V with a current of 150mA (for
75
Ω board). See device voltage versus device current plot. In lower power
applications the value of RC can be increased to lower the current and VD
on this pin.
14
GND
Same as pin 2.
15
GND
Same as pin 2.
16
NC
This pin is internally not connected.
RF OUT
RF IN
0.068
0.064
0.020
0.014
0.034 REF
0.068
0.053
0.009
0.007
0.034
0.016
8° MAX
0° MIN
0.244
0.229
0.393
0.386
0.157
0.150
0.020
REF
0.008
0.004
-A-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com